Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 516 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 516 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 512Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 513Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 514Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 515Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 516Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 517Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 518Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 519Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 520Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 590 page
background image
Chapter 16 CHI Module
16-34
16.4.14 CHI Interrupt Status Register (CHIINT)
0xA830
31
16
Reserved
: Type
: Initial value
15
87
65
43
21
0
Reserved
BUSI
05I
10I
DCI
INAI
INBI
ACTI
ERRI
R/W
: Type
00000000
: Initial value
Bits
Mnemonic
Field Name
Description
31:8
Reserved
7
BUSI
CHIBUSERROR
Interrupt Status
CHIBUSERROR Interrupt status bit (Initial value: 0, R/W)
This bit shows the CHIBUSERROR Interrupt Status. This bit is cleared by written
“0”.
0: No interrupt
1: Interrupt occurs
6
05I
CHI0_5
Interrupt Status
CHI0_5 Interrupt Status bit (Initial value: 0, R/W)
This bit shows the CHI0_5 Interrupt Status. This bit is cleared by written “0”.
0: No interrupt
1: Interrupt occurs
5
10I
CHI1_0
Interrupt Status
CHI1_0 Interrupt Status bit (Initial value: 0, R/W)
This bit shows the CHI1_0 Interrupt Status. This bit is cleared by written “0”
0: No interrupt
1: Interrupt occurs
4
DCI
CHIDMACNT
Interrupt Status
CHIDMACNT Interrupt Status bit (Initial value: 0, R/W)
This bit shows the CHIDMACNT Interrupt Status. This bit is cleared by written “0”
0: No interrupt
1: Interrupt occurs
3
INAI
CHIININTA
Interrupt Status
CHIININTA Interrupt Status bit (Initial value: 0, R/W)
This bit shows the CHIININTA Interrupt Status. This bit is cleared by written “0”
0: No interrupt
1: Interrupt occurs
2INBI
CHIININTB
Interrupt Status
CHIININTB Interrupt Status bit (Initial value: 0, R/W)
This bit shows the CHIININTB Interrupt Status. This bit is cleared by written “0”
0: No interrupt
1: Interrupt occurs
1
ACTI
CHIACTINT
Interrupt Status
CHIACTINT Interrupt Status bit (Initial value: 0, R/W)
This bit shows the CHIACTINT Interrupt Status. This bit is cleared by written “0”
0: No interrupt
1: Interrupt occurs
0
ERRI
CHIERRINT
Interrupt Status
CHIERRINT Interrupt Status bit (Initial value: 0, R/W)
This bit shows the CHIERRINT Interrupt Status. This bit is cleared by written “0”
0: No interrupt
1: Interrupt occurs
Figure 16.4.14 CHI Interrupt Status Register (CHIINT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com