Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 515 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 515 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 511Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 512Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 513Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 514Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 515Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 516Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 517Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 518Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 519Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 590 page
background image
Chapter 16 CHI Module
16-33
16.4.13 HI Interrupt Enable Register (CHIINTE)
0xA82C
31
16
Reserved
: Type
: Initial value
15
87
65
43
21
0
Reserved
BUSIE 05IE
10IE
DCIE INAIE INBIE ACTIE ERRIE
R/W
: Type
00000000
: Initial value
Bits
Mnemonic
Field Name
Description
31:8
Reserved
7
BUSIE
CHIBUSERROR
Interrupt Enable
CHIBUSERROR Interrupt Enable bits (Initial value: 0, R/W)
This bit is used to enable or disable the CHIBUSERROR Interrupt.
0: Disable
1: Enable
6
05IE
CHI0_5
Interrupt Enable
CHI0_5 Interrupt Enable bits (Initial value: 0, R/W)
This bit is used to enable or disable the CHI0_5 Interrupt.
0: Disable
1: Enable
5
10IE
CHI1_0
Interrupt Enable
CHI1_0 Interrupt Enable bits (Initial value: 0, R/W)
This bit is used to enable or disable the CHI1_0 Interrupt.
0: Disable
1: Enable
4DCIE
CHIDMACNT
Interrupt Enable
CHIDMACNT Interrupt Enable bits (Initial value: 0, R/W)
This bit is used to enable or disable the CHIDMACNT Interrupt.
0: Disable
1: Enable
3
INAIE
CHIININTA
Interrupt Enable
CHIININTA Interrupt Enable bits (Initial value: 0, R/W)
This bit is used to enable or disable the CHIININTA Interrupt.
0: Disable
1: Enable
2
INBIE
CHIININTB
Interrupt Enable
CHIININTB Interrupt Enable bits (Initial value: 0, R/W)
This bit is used to enable or disable the CHIININTB Interrupt.
0: Disable
1: Enable
1ACTIE
CHIACTINT
Interrupt Enable
CHIACTINT Interrupt Enable bits (Initial value: 0, R/W)
This bit is used to enable or disable the CHIACTINT Interrupt.
0: Disable
1: Enable
0
ERRIE
CHIERRINT
Interrupt Enable
CHIERRINT Interrupt Enable bits (Initial value: 0, R/W)
This bit is used to enable or disable the CHIERRINT Interrupt.
0: Disable
1: Enable
Figure 16.4.13 CHI Interrupt Enable Register (CHIINTE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com