Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 519 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 519 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 515Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 516Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 517Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 518Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 519Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 520Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 521Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 522Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 523Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 590 page
background image
Chapter 17 Serial Peripheral Interface
17-3
17.3 Detailed Explanation
17.3.1
Operation mode
There are 2 operation modes possible:
•
Configuration mode (OPMODE = ‘01’) :
Only in this mode it is possible to change the setting of the low byte (bit 7 to 0) in the SPI
Control Register 0 (SPCR0) and all bits in the SPI Control Register 1 (SPCR1). In this mode
the SPSTP bit and also the receive and transmit FIFO will be cleared. The SPI module will
be kept in reset. Running transfer are immediately aborted, even within the current frame.
•
Active mode (OPMODE = ‘10’) :
This is the normal operation mode. A transfer occurs in this mode.
17.3.2
Transmitter/Receiver
The SPI module is kept in a reset state in the Configuration mode. Before setting the Active mode in
OPMODE bits, the low byte (bit 7 to 0) in the SPI Control Register 0 (SPCR0) and all bits in the SPI
Control Register 1 (SPCR1) should be set to the desired value. Once the OPMODE bits is set to the
Active mode, the SPI module can run a transfer. The SPI logic will then wait until the software writes
to the SPI Data Register (SPDR).
Once the software writes to the SPI Data Register (SPDR) then the contents will be transferred to the
Shift Register and shifted out to the slave device. While data is shifting out to the slave device using
the SPIOUT signal, data will shift in using the SPIIN signal. Once the data has finished shifting, the
contents of the Shift Register will be loaded into the Receive Buffer and the SRRDY bit in SPI Status
Register (SPSR) will be asserted to indicate that there is valid receive data in the Receive Buffer. The
RBSI bit in the SPI Status Register (SPSR) is set and the interrupt occurs when the Receive Buffer level
selected RXIFL bits in the SPI Control Register 0 (SPCR0) is filled.
Once the contents of the Transmit Buffer are transferred to the Shift Register, the STRDY bit in SPI
Status Register (SPSR) will be asserted to indicate that the Transmit Buffer is once again ready to
receive new data. The TBSI bit in the SPI Status Register (SPSR) is set and the interrupt occurs when
the Transmit Buffer level selected TXIFL bits in the SPI Control Register 0 (SPCR0) is filled.
Therefore the software is supposed to do the following procedure every time it attempts to write data
into the Transmit Buffer.
(1) Check if STRDY or TBSI is a logic “1”. If not, do nothing.
(2) Write data into the SPI Data Register (SPDR).
Thus, as long as the software can keep the Transmit Buffer serviced before the data shifts out of the
Shift Register, the SPI can maintain seamless data transfer. If the software fails to keep up with the
transfer rate, then the SPI will simply wait until the next data is written to the SPI Data Register
(SPDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com