Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 526 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 526 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 522Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 523Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 524Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 525Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 526Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 527Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 528Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 529Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 530Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 526 / 590 page
background image
Chapter 17 Serial Peripheral Interface
17-10
17.4.2
SPI Control Register 0 (SPCR0)
0xF804
31
16
Reserved
: Type
: Initial value
15
14
13
12
11
10
9
8
7
5
4
3
2
1
0
TXIFL
RXIFL
SILIE SOEIE RBFIE TBFIE
Reserved
IFSPSE Reserved
SBOS SPHA SPOL
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0
0
0
0
0
0
0
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:16
Reserved
15:14
TXIFL
Transmit
Interrupt
Fill Level
Transmit Interrupt Fill Level (Initial value: 00, R/W)
Select the interrupt fill level of the transmit FIFO.
00: Interrupt, if one or more Tx values can be stored
01: Interrupt, if two or more Tx values can be stored
10: Interrupt, if three or more Tx values can be stored
11: Interrupt, if four Tx values can be stored
13:12
RXIFL
Receive Interrupt
Fill Level
Receive Interrupt Fill Level (Initial value: 00, R/W)
Select the interrupt fill level of the receive FIFO.
00: Interrupt, if one or more Rx values are stored
01: Interrupt, if two or more Rx values are stored
10: Interrupt, if three or more Rx values are stored
11: Interrupt, if four Rx values are stored
11
SILIE
SPI IDLE
Interrupt Enable
SPI IDLE Interrupt Enable (Initial value: 0, R/W)
Enable the SPI IDLE Interrupt to the interrupt controller of TX4925.
0: Disable
1: Enable
10
SOEIE
SPI Overrun
Interrupt Enable
SPI IDLE Overrun Enable (Initial value: 0, R/W)
Enable the SPI Overrun Interrupt to the interrupt controller of TX4925.
0: Disable
1: Enable
9
RBSIE
Receive Buffer
Fill Interrupt
Enable
Receive Buffer Fill Interrupt Enable (Initial value: 0, R/W)
Enable the Receive Buffer Fill Interrupt to the interrupt controller of TX4925.
0: Disable
1: Enable
8
TBSIE
Transmit Buffer
Fill Interrupt
Enable
Transmit Buffer Fill Interrupt Enable (Initial value: 0, R/W)
Enable the Transmit Buffer Fill Interrupt to the interrupt controller of TX4925.
0: Disable
1: Enable
7:5
Reserved
Note 1: Bit 5 to Bit 0 could only be written, when the SPI module is in configuration mode.
Note 2: SPOL and SPHA bits determine the idle phase of SPICLK and the valid clock edge for sampling
data. Refer to “17.3.4 Transfer Format”.
Figure 17.4.2 SPI Control Register 0 (SPCR0) (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com