Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 120 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 120 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 116Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 117Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 118Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 119Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 120Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 121Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 122Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 123Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 124Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 590 page
background image
Chapter 7 External Bus Controller
7-10
7.3.6.1
Normal Mode
When in this mode, the ACK*/Ready signal becomes an ACK* output when it is in the
ACK*/Ready Dynamic mode. The ACK*/Ready signal becomes High-Z when it is in the
ACK*/Ready Static mode.
Wait cycles are inserted according to the EBCCRn.PWT and EBCCRn.WT value at the access
cycle. The Wait cycle count is 0 – 0x3f.
Figure 7.3.1 Normal Mode
7.3.6.2
External ACK Mode
When in this mode, the ACK*/READY pin becomes ACK* input, and the cycle is ended by the
ACK* signal from an external device. ACK* input is internally synchronized. Refer to Section
“7.3.7.4 ACK* Input Timing” for more information regarding timing.
Figure 7.3.2 External ACK Mode
EBCCRn.PWT:WT=3
expresses indeterminate values
EBCCRn.SHWT=0
SYSCLK
CE*
ADDR [19:0]
OE*
DATA [31:0]
ACK*/READY (Output)
SYSCLK
CE*
ADDR [19:0]
OE*
DATA [31:0]
ACK*/READY(Input)
represents indeterminate values.
EBCCRn.SHWT=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com