| Electronic Components Datasheet Search |
|
TMPR4925 Datasheet(PDF) 121 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 Datasheet(HTML) 121 Page - Toshiba Semiconductor |
|
121 / 590 page ![]() Chapter 7 External Bus Controller 7-11 7.3.6.3 Ready Mode When in this mode, the ACK*/Ready pin becomes Ready input, and the cycle is ended by Ready input from an external device. Ready input is internally initialized. See Section “7.3.7.5 Ready Input Timing” for more information regarding the operation timing. When the Wait cycle count specified by EBCCREBCCRn.PWT:WT elapses, a check is performed to see whether the Ready signal was asserted. The Ready mode does not support Burst access by the internal bus. Figure 7.3.3 Ready Mode 7.3.6.4 Page Mode When in this mode, the ACK*/Ready pin becomes ACK* output when it is in the Dynamic mode. When it is in the ACK*/Ready Static mode, the ACK*/Ready signal becomes High-Z. Wait cycles are inserted into the access cycle according to the values of EBCCRn.PWT and EBCCRn.WT. The Wait cycle count in the first access cycle of Single access or Burst access is determined by the EBCCRn.WT value. The Wait cycle count can be set from 0 to 15. The Wait cycle count of subsequent Burst cycles is determined by the EBCCRn.PWT value. The Wait cycle count can be set from 0 to 3. Figure 7.3.4 Page Mode EBCCRn.PWT:WT=2 SYSCLK CE* ADDR [19:0] OE* DATA [31:0] ACK*/READY (Input) Start Ready Check EBCCRn.SHWT=0 SYSCLK CE* ADDR [19:0] OE* DATA [31:0] ACK*/READY (Output) EBCCRn.WT=2 EBCCRn.PWT=1 EBCCRn.PWT=1 EBCCRn.PWT=1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |