Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 118 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 118 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 114Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 115Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 116Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 117Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 118Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 119Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 120Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 121Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 122Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 590 page
background image
Chapter 7 External Bus Controller
7-8
7.3.5.3
8-bit Bus Width Mode
DATA[7:0] becomes valid.
Bits [19:0] of the physical address are output to ADDR[19:0]. The internal address bits [27:20],
which are the upper address, are multiplexed to external ADDR[19:12]. In other words, the
address is shifted up two bits or more relative to the 32-bit bus mode when output. As a result, the
maximum memory size of the 8-bit bus mode is 256 MB.
Table 7.3.6 Address Output Bit Correspondence in the 8-bit Mode
ADDR Bit
19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
Upper Address
27
26
25
24
23
22
21
20
Lower Address
19
181716
151413
121110
9
8
7
6
5
4
3
2
1
0
When a Single cycle that accesses 1-Byte data is executed, 8-bit access is executed only once on
the external bus. 8-bit access is executed twice when performing 1-half-word access. 8-bit access
is executed four times when performing 1-word access. 8-bit access is executed eight times when
performing 1-double-word access. When a Burst cycle is executed, four 8-bit cycles are executed
for each Burst access when the Bus cycle tries to request a byte combination other than word data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com