Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 195 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 195 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 191Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 192Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 193Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 194Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 195Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 196Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 197Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 198Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 199Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 590 page
background image
Chapter 8 DMA Controller
8-25
Bits
Mnemonic
Field Name
Description
26
DBINH
Destination Burst
Inhibit
Destination Burst Inhibit (Initial value: 0, R/W)
During Dual Address transfer, this bit sets whether to perform Burst transfer or Single
transfer on a Write cycle to the address set from FIFO to DMDARn when Burst
transfer is set by DMCCRn.XFSZ. Refer to “8.3.8.2 Burst Transfer During Dual
Address Transfer” for more information.
1: Multiple Single transfers are executed.
0: Burst transfer is executed.
25
SBINH
Source Burst
Inhibit
Source Burst Inhibit (Initial value: 0, R/W)
During Dual Address transfer, this bit sets whether to perform Burst transfer or Single
transfer on a Read cycle to the FIFO from the address set to DMSARn when Burst
transfer is set by DMCCRn.XFSZ. Refer to “8.3.8.2 Burst Transfer During Dual
Address Transfer” for more information.
The settings of this bit have no effect during Single Address transfers.
1: Multiple Single transfers are executed.
0: Burst transfer is executed.
24
CHRST
Channel Reset
Channel Reset (Initial value: 1, R/W)
This bit is used for initializing channels. The DMCCRn.XFACT, DMCCRn.CHNEN,
and DMCSRn bits are all cleared. In addition, all channel logic and interrupts from
channels are cleared and bus ownership requests to the DMA Channel Arbiter are
also reset. The software must clear this bit before operating a channel.
1: Reset channel
0: Enable channel
23
REVBYTE
Reverse Byte
Reverse Bytes (Initial value: 0, R/W)
This bit specifies whether to reverse the byte order during a Dual Address transfer
when the Transfer Setting Size field (DMCCRn.XFSZ) setting is 4 bytes or more.
Refer to “0
Double Word Byte Swapping” for more information.
1: Reverses the byte order.
0: Does not reverse the byte order.
22
ACKPOL
Acknowledge
Polarity
Acknowledge Polarity (Initial value: 0, R/W)
Specifies the polarity of the DMAACK[n] signal.
1: Asserts when the DMAACK[n] signal is High
0: Asserts when the DMAACK[n] signal is Low
21
REQPL
Request Polarity
Request Polarity (Initial value: 0, R/W)
Specifies the polarity of the DMAREQ[n] signal.
1: Asserts when the DMAREQ[n] signal is High.
0: Asserts when the DMAREQ[n] signal is Low.
20
EGREQ
Edge Request
Edge Request (Initial value: 0, R/W)
Specifies the method for detecting DMA requests by the DMAREQ[n] signal.
1: DMAREQ[n] signal is Edge Detect.
0: DMAREQ[n] signal is Level Detect.
19
CHDN
Chain Complete
Chain Done (Initial value: 0, R/W)
Selects control by the DMADONE* signal. See “8.3.3.4 DMA Controller” for more
information.
1: Assertion of the DMADONE* signal controls the overall Chain DMA transfer.
0: Assertion of the DMADONE* signal controls DMA transfer according to the DMA
Channel Register setting at that time.
18:17
DNCTL
DONE Control
Done Control (Initial value: 00, R/W)
Specifies the input/output mode of the DMADONE* signal. Refer to “8.3.3.4
DMADONE* Signal” for more information.
00: DMADONE* signal becomes the input signal, but input is ignored.
01: DMADONE* signal becomes the input signal.
10: DMADONE* signal becomes the output signal.
11: DMADONE* signal becomes the open drain input/output signal.
Figure 8.4.2 DMA Channel Control Register (2/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com