Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 194 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 194 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 190Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 191Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 192Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 193Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 194Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 195Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 196Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 197Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 198Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 590 page
background image
Chapter 8 DMA Controller
8-24
8.4.2
DMA Channel Control Register (DMCCRn)
0xB018 (ch. 0)
0xB038 (ch. 1)
0xB058 (ch. 2)
0xB078 (ch. 3)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
IMMCHN USEXFSZ
LE
DBINH SBINH CHRST RVBYTE ACKPOL REQPL EGREQ CHDN
DNCTL
EXTRQ
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
00
-
001
0000
0
00
0
: Initial value
15
13
12
11
10
9
8
7
6
5
4
2
1
0
STLTIME/INTRQD
INTENE INTENC INTENT CHNEN XFACT
Reserved
SMPCHN
XFSZ
MEMIO SNGAD
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W : Type
000
00000
00
0
000
00
: Initial value
Bit
Mnemonic
Field Name
Description
31:30
Reserved
29
IMMCHN
Immediate Chain
Immediate Chain (Initial value: 0, R/W)
Selects the control method of bus ownership during chain transfer.
1: When the DMA transfer completes due to the current DMA Channel Register and
DMCCRn.CHNEN=1, DMA Command Descriptor of the address set in DMCHARn
is loaded to DMA channel Register without bus ownership release. (Chain
Transfer)
0: When the DMA transfer completes due to the current DMA Channel Register and
DMCCRn.CHNEN=1, DMA controller once releases the bus ownership. After that
it gets bus ownership again and starts Chain Transfer.
Note: It is not concerned with the setup of this bit but DMA controller releases bus
ownership after the Chain Transfer ends.
28
USEXFSZ
Transfer Set Size
Mode
Use Transfer Set Size (Initial value: 0, R/W)
Selects the DMA channel operation mode during Burst DMA transfer. Refer to
“8.3.7.2 Burst Transfer During Single Address Transfer” and “8.3.8.2 Burst Transfer
During Dual Address Transfer” for more information.
1: The DMA Controller always transfers the amount of data set in DMCCRn.XFSZ for
each bus operation. Since alignment to the boundary of the DMCCRn.XFSZ in the
address is not forced when in this mode, transfers that exceed 32 -word
boundaries are divided into two operations.
0: The DMA Controller calculates the transfer size so the address set in DMSARn
and DMDARn (only during Dual Address transfer) can be aligned to the boundary
of the size set in DMCCRn.XFSZ, then transfers data according to that size.
27
LE
Little Endian
Little Endian (Default: value that is the opposite of the G-Bus Endian
(CCFG.ENDIAN))
This bit sets the Endian of the channel.
1: Channel operates in the Little Endian mode
0: Channel operates in the Big Endian mode
Figure 8.4.2 DMA Channel Control Register (1/4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com