Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 23 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 19Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 20Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 21Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 22Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 23Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 24Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 25Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 26Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
3.3.4 1 MHz Low-Power Oscillator (LPO)
The Internal Reference Clock (1 MHz) module is an internal oscillator that can generate a reference clock of 1 MHz. The LPO clock
is enabled in all modes of operation, including all low power modes.
3.3.5 USB PLL
The USB PLL is embedded in the USB transceiver block. This PLL allows an exact 480 MHz to be generated from a supported
reference clock of 24 MHz. The output of this PLL is primarily used for USB operations on USB-OTG0. The USB PLL clock is also
made available as a clock source for other peripherals on the device.
3.3.6 Fixed Frequency PLL (Fixed-freq PLL)
In addition to the main clock output, this PLL also includes 4 Phase Fractional Dividers (PFDs) that can generate other clock
frequencies. There is one instance of the Fixed-freq PLL (PLL0), which provides clocks for the M33 core, buses, and peripherals
in the real-time domain.
3.3.7 Fractional-N PLL (FracN PLL)
The Fractional-N (Frac-N) PLL can generate an output clock 528 MHz from a supported reference clock. In addition to the main
clock output, this PLL also includes up to four Phase Fractional Dividers (PFDs) that can generate other clock frequencies. This
PLL also supports a tunable clock for audio applications.
3.4 Power Management
The i.MX 8ULP implements multiple options minimizing application power consumption:
• On chip power management including regulators, drivers and switches for flexible power supplies, efficient power
consumption and short wake up time
• Multiple power domains and ultra-low power modes allow flexible power saving
• Voltage and frequency scaling in dynamic operating modes
• Software-controlled clock gating for cores and peripherals
3.4.1 Digital PMC
The digital PMC module allows user software to control power modes and of the chip and to optimize power consumption for the
level of functionality needed. There are two instances of digital PMC on this chip, one for each main power domain.
3.4.2 Analog power management controller (Analog PMC)
The Analog PMC consists of voltage/current references, core logic supply regulators, memory supply regulators, back and forward
biasing regulators, monitors and power switches, etc. There are two Analog PMC subsystems, one associated with the M33 power
domain and the other with the A35 power domain.
Table 5. Analog PMC rise and fall trip point specifications
Rise
Fall
Fuse setting
Min
Typ
Max
Min
Typ
Max
LVD1
0x3
0.805
0.825
0.845
0.78
0.8
0.82
LVD2
0x7
0.908
0.928
0.948
0.88
0.9
0.92
LVD3
0x7
0.98
0.928
0.948
0.88
0.9
0.92
Table continues on the next page...
NXP Semiconductors
System control modules
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
23 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com