Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 9Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 10Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 11Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 12Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 13Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 14Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 15Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 16Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
Table continued from the previous page...
Module
Domain
Description
Memories and memory controllers
LPIT0-1
APD, RTD
Low Power Periodic Interrupt Timer (LPIT) is a multi- channel timer
module that can generate independent pre- trigger and trigger outputs.
These timer channels can operate individually or can be chained
together. The pre- trigger and trigger outputscan be used to trigger
other modules on the device. The LPIT can also operate in low power
modes.
MRT
RTD
The Multi-Rate Timer (MRT) provides a repetitive interrupt timer with
four channels. Each channel can be programmed with an independent
time interval.
TSTMR0-1
APD, RTD
The TSTMR module is a free running incrementing counter that starts
running after system reset de-assertion and can be read at any time by
the software for determining the software ticks. The TSTMR is a 64-bit
clock cycle counter. It runs off the 1 MHz clock and resets on every
system reset. The counter only stops when the clock to the TSTMR is
disabled.
WDOG0-8
APD, DSPD, RTD
and LPAVD
The Watchdog Timer (WDOG) module keeps a watch on the system
functioning and resets it in case of its failure. Reasons for failure
include run-away software code and the stoppage of the system clock
that in a safety critical system can lead to serious consequences.
In such cases, the WDOG brings the system into a safe state
of operation.The WDOG monitors the operation of the system by
expecting periodic communication from the software, generally known
as servicing orrefreshing the WDOG. If this periodic refreshing does
not occur, the WDOG resets the system. There are two instances
of WDOG in the uPower subsystem and two instances within the
EdgeLock secure enclave subsystem.
EWM
RTD
The External Watchdog Monitor (EWM) module is designed to monitor
external circuits, as well as the software flow. This provides a back-up
mechanism to the internal WDOG that can reset the system. The EWM
differs from the internal WDOG in that it does not reset the system. The
EWM, if allowed to time-out, provides an independent trigger pin that
when asserted resets or places an external circuit into a safe mode.
Graphic Processor Human Machine Interfaces
GPU-3D
LPAVD
Verisilicon GCNanoUltra3.1 supports Open GL ES 3.1, Vulkan 1.3,
Open CL 3.0 and Open VG1.1
GPU-2D
LPAVD
GPU-2D supports user interface rendering and performs functions like
blending, filtering, rotation, overlay, resizing, transparency, and other
dynamic effects.
MIPI DSI Controller
LPAVD
The MIPI Display Serial Interface Controller (DSI Controller) is
responsible for serializing display data from the GPU. Data can come
from either the GPU or the processor/DMA controller.
Table continues on the next page...
NXP Semiconductors
i.MX 8ULP modules list
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
13 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com