Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 85 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 81Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 82Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 83Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 84Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 85Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 86Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 87Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 88Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
Table 67. ADC electrical specifications (1V≤VREFH<VDD_ANA18MIN and VADINMAX≤VREFH) 1 (continued)
Symbol
Description
Min
Typ2
Max
Unit
Notes
RAS
Analog
source
resistance
—
—
5
KΩ
3
fADCK
ADC
conversion
clock
frequency
8
—
44
MHz
Csample
Sample
cycles
3.5
—
131.5
—
4
Ccompare
Fixed
compare
cycles
—
17.5
—
Cycles
Cconversion
Conversion
cycles
Cconversion= Csample + Ccompare
Cycles
TUE
Total
unadjusted
error
—
-14 to -2
—
LSB
5
DNL
Differential
nonlinearity
—
±1.2
—
LSB
5,6
INL
Integral
nonlinearity
—
±1.2
—
LSB
5,6
ENOB
Effective number of bits
7
Single-ended mode
Avg = 1
—
9.8
—
—
Avg = 2
—
10.2
—
—
Avg = 16
—
11.1
—
—
Differential mode
Avg = 1
—
10.7
—
—
Avg = 2
—
—
—
—
Avg = 16
—
—
—
—
SINAD
Signal to
noise plus
distortion
SINAD=6.02 x ENOB + 1.76
dB
EFS
Full-scale
error
—
-4
—
LSB
5
EZS
Zero-scale
error
—
0.05
—
LSB
5
Iin_ext_leak
External
channel
—
30
500
nA
—
Table continues on the next page...
NXP Semiconductors
Specifications—real-time domain
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
85 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com