Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 55 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 51Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 52Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 53Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 54Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 55Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 56Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 57Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 58Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
Figure 11. SD3.0 High-Speed mode Timing
5.4.2.2 AC timing specification of eMMC DDR52 and SD DDR50 modes
The following table lists the timing characteristics of eMMC DDR52 mode and SD DDR50 mode, and the following figure depicts
the input and output timing diagram at uSDHC IO pins. Note that SDx_DATA signals are triggered and sampled on both edges
of the clock, and the SDx_CMD signal is triggered and sampled only on rising edge.
Table 34. AC timing specifications of eMMC DDR52 and SD DDR50 modes
ID
Parameter
Symbols
Min.
Max.
Unit
Card Input Clock
SD1
Clock Frequency (eMMC5.1 DDR)
fPP
0
52
MHz
SD1
Clock Frequency (SD3.0 DDR)
fPP
0
50
MHz
uSDHC Output / Card Inputs SDx_DATAx (Reference to CLK)
SD2
uSDHC Output Delay
tOD
3.0
6.4
ns
uSDHC Input / Card Outputs SDx_DATAx (Reference to CLK)
SD3
uSDHC Input Setup Time
tISU
2.4
—
ns
SD4
uSDHC Input Hold Time
tIH
1.2
—
ns
NXP Semiconductors
Specifications—application domain
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
55 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com