Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 74 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 70Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 71Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 72Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 73Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 74Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 75Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 76Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 77Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
7 Specifications—real-time domain
7.1 Real time domain (RTD) power modes
Table 54. RTD power modes
Power Mode
Min. Voltage at the
pin (V) VDD_DIG0
Max Frequency
(MHz) CM33/
Fusion DSP
Biasing Setting
Description
Active
Over Drive
1.05
216/200
AFBB enabled
All logic is
functional in this
mode.
Allows Dynamic
Voltage
Scaling(DVS)
Normal Drive
1
127/127
AFBB enabled
Under Drive
0.9
38.4/38.4
ARBB enabled
Sleep
0.9
-
RBB enabled
(optional)
Core in Wait-for-
Interrupt (WFI)
Core, bus,
peripheral clock
gating configurable
by software
Deep Sleep
0.65
-
RBB enabled
Core is in wait-
for-interrupt(WFI)
state
Core/System
clock gated
Some peripheral
optional functional
SRAM
contents retained
POWER DOWN
0.65
-
RBB enabled
Core/System/
peripherals power
gated
SRAM with
configurable
retention
Comparator, LP
timers optionally
functional
DEEP POWER DOWN
-
-
-
RTD domain
completely power
gated
Table continues on the next page...
NXP Semiconductors
Specifications—real-time domain
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
74 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com