Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 35 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 31Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 32Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 33Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 34Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 35Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 36Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 37Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 38Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
Table 16. Clock frequencies (continued)
Clock name
Voltage range at the pin
1.05 V
1.0 V
0.9 V w/ARBB
WDOG
25
25
—
SAI1
50
50
—
HIFI4_CLK
475
264
—
NIC_HIFI4_CLK
238
132
—
NIC_LPAV_AXI_CLK
316.8
198
—
NIC_LPAV_AHB_CLK
158.4
96
—
LPAV_BUS_CLK
79.2
48
—
DDR_CLK
2661, 2
200
—
DDR PHY
5281
400
—
GPU3D
288
198
—
GPU2D
288
198
—
DCNano
105
75
—
MIPI CSI
140
140
—
MIPI CSI UI
93
93
—
ISI
93
93
—
MIPI CSI ESC
80
50
—
EPDC
297
198
—
WDOG5
20
20
—
LPTPM8
60
60
—
1. Supported only for LPDDR4/4x
2. The PLL4 PFD0 PLL output clock maximum frequency when VDD_DIG2 = 1.0 V nominal is 528 MHz. The PLL2_VCO
output clock maximum frequency when VDD_DIG1 = 1.0 V nominal is 725 MHz. When VDD_DIG0, VDD_DIG1 or
VDD_DIG2 is at 0.9 V nominal, the fastest selectable clock source available is the FRO192 for the corresponding domain
4.3 Power sequencing—system
4.3.1 Power-on sequencing
The power-on sequencing requirements for the device are described in this section.
VBAT Domain Power Supply
VDD_VBAT42 must be powered and stable before all other supplies begin to ramp up.
Real-Time Domain Power Supplies
The Real-Time Domain supplies must be powered and stable before RESET0_B is deasserted. The real-time domain supplies
listed below may be powered on in any order except for those indicating specific sequencing requirements.
NXP Semiconductors
System specifications
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
35 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com