Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 1 Page - NXP Semiconductors

  IMX8ULPIEC Datasheet HTML 1Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 2Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 3Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 4Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 5Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 6Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 7Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 8Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
The i.MX 8ULP family of processors features NXP’s advanced
implementation of the dual Arm® Cortex®-A35 cores alongside an Arm
Cortex-M33. This combined architecture enables the device to run a rich
operating system (such as Linux) on the Cortex-A35 core and an RTOS
(such as FreeRTOS) on the Cortex-M33 core. It also includes a Fusion
DSP for low-power audio and a HiFi4 DSP for advanced audio and machine
learning applications. The i.MX 8ULP processor provides a 32-bit LPDDR3/
LPDDR4/LPDDR4X memory interface and a number of other interfaces for
connecting peripherals, such as WLAN, Bluetooth™, GPS, and displays.
Additionally, there are 2 co-processors connected to the Cortex-M33 core:
PowerQuad and Casper, accelerating DSP and cryptography functions,
respectively.
Table 1. i.MX 8ULP features
Feature type
Application processor domain Real-time processor domain
ARM Processor
Dual core Cortex®-A35
Cortex®-M33F
Frequency: 800 MHz
Nominal (RUN) frequency: 216 MHz
32 KB instruction and 32 KB
data cache
32 KB instruction and 32 KB data cache
Floating Point Unit (FPU)
Floating Point Unit (FPU)
512 KB of L2 cache with
Snoop Control Unit (SCU)
Memory Protection Unit (MPU)
NEON™ SIMD engine
Co-processor interface for
• PowerQuad hardware accelerator (Fixed
and floating point +FFT) DSP functions
• CASPER Crypto/FFT engine
—
Tensilica DSP Fusion F1 DSP processor
Nominal frequency: 200 MHz
32 channel DMA
32 channel DMA
On-chip memory
64 KB of RAM
768 KB of Shared Memory, zero wait state
192 KB of Boot ROM
96 KB of Boot ROM
Table continues on the next page...
MCIMX8xxxxxxxxx
485 MAPBGA
15 x 15 mm, 0.5 mm pitch
IMX8ULPIEC
i.MX 8ULP Applications Processor—Industrial Products
Rev. 1 — 09/2023
Data Sheet: Technical Data
NXP reserves the right to change the detail specifications as may be required to
permit improvements in the design of its products.


Similar Part No. - IMX8ULPIEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8ULPCEC NXP-IMX8ULPCEC Datasheet
1Mb / 105P
i.MX 8ULP Applications Processor-Commercial Products
Rev. 1 - 09/2023
More results

Similar Description - IMX8ULPIEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX6SDLIEC NXP-IMX6SDLIEC Datasheet
2Mb / 161P
i.MX 6Solo/6DualLite Applications Processors for Industrial Products
Rev. 9, 11/2018
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
IMX6DQPIEC NXP-IMX6DQPIEC Datasheet
2Mb / 160P
i.MX 6DualPlus/6QuadPlus Applications Processors Industrial Products
Rev. 3, 11/2018
IMX7ULPCEC NXP-IMX7ULPCEC Datasheet
2Mb / 118P
i.MX 7ULP Applications Processor-Consumer Products
Rev. 0, 06/2019
IMX7ULPIECB2 NXP-IMX7ULPIECB2 Datasheet
1Mb / 112P
i.MX 7ULP Applications Processor-Industrial
Rev. 1, 07/2021
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8ULPCEC NXP-IMX8ULPCEC Datasheet
1Mb / 105P
i.MX 8ULP Applications Processor-Commercial Products
Rev. 1 - 09/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com