Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 44 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 40Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 41Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 42Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 43Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 44Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 45Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 46Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 47Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
Table 23. FSGPIO rise and fall times (continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
trf
transition
time
Continuous
Voltage
Range
Derated
VDD_PTx =
1.98 - 2.7 V
CL=15pF
Slow Slew
Rate, High
Drive Strength
--
1.8083
4.2001
ns
Standard Slew
Rate, High
Drive Strength
--
0.347
1.1157
ns
Slow Slew
Rate, Standard
Drive Strength
--
2.4988
4.7943
ns
Standard Slew
Rate, Standard
Drive Strength
--
0.4346
0.7815
ns
trf
transition
time
Continuous
Voltage
Range
Derated2
VDD_PTx =
1.71 - 1.98 V
CL=15pF
Slow Slew
Rate, High
Drive Strength
--
1.5285
3.0727
ns
Standard Slew
Rate, High
Drive Strength
--
0.2984
0.4355
ns
Slow Slew
Rate, Standard
Drive Strength
--
2.1201
3.5707
ns
Standard Slew
Rate, Standard
Drive Strength
--
0.3569
0.6338
ns
trf
transition
time
High Voltage
Range
VDD_PTx =
3.0 - 3.6 V
CL=15pF
Slow Slew
Rate, High
Drive Strength
--
2.3523
5.5195
ns
Standard Slew
Rate, High
Drive Strength
--
0.6938
1.5374
ns
Slow Slew
Rate, Standard
Drive Strength
--
3.02
6.6893
ns
Standard Slew
Rate, Standard
Drive Strength
--
0.8121
1.6844
ns
trf
transition
time
Low Voltage
Range
VDD_PTx =
1.71 - 1.98 V
CL=15pF
Slow Slew
Rate, High
Drive Strength
--
1.4732
3.1865
ns
Standard Slew
Rate, High
Drive Strength
--
0.2944
0.4472
ns
Table continues on the next page...
NXP Semiconductors
System specifications
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
44 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com