Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 60 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 56Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 57Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 58Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 59Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 60Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 61Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 62Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 63Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
Table 39. MII transmit signal timing
ID
Characteristic
Min.
Max.
Unit
M5
ENET_TX_CLK to
ENET_TX_DATA3,2,1,0, ENET_TX_EN,
ENET_TX_ER invalid
5
—
ns
M6
ENET_TX_CLK to
ENET_TX_DATA3,2,1,0, ENET_TX_EN,
ENET_TX_ER valid
—
20
ns
M7
ENET_TX_CLK pulse width high
35%
65%
ENET_TX_CLK period
M8
ENET_TX_CLK pulse width low
35%
65%
ENET_TX_CLK period
The following figure MII transmit signal timings, as described in the table.
ENET_TX_CLK (input)
ENET_TX_DATA3,2,1,0
M7
M8
M5
M6
ENET_TX_ER
ENET_TX_EN
(outputs)
Figure 18. MII transmit signal timing diagram
5.4.4.1.1.3 MII asynchronous inputs signal timing (ENET_CRS and ENET_COL)
The table below describes the timing parameter (M9) .
Table 40. MII asynchronous inputs signal timing
ID
Characteristic
Min.
Max.
Unit
M91
ENET_CRS to
ENET_COL minimum
pulse width
1.5
—
ENET_TX_CLK period
1. ENET_COL has the same timing in 10-Mbit 7-wire interface mode.
The following figure shows MII asynchronous input timings.
ENET_CRS, ENET_COL
M9
Figure 19. MII async inputs timing diagram
NXP Semiconductors
Specifications—application domain
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
60 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com