Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 28Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 29Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 30Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 31Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 32Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 33Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 34Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 35Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 100 page
background image
4.2.1.2 32 kHz oscillator electrical specifications
4.2.1.2.1 32 kHz oscillator DC electrical specifications
Table 12. 32kHz oscillator DC electrical specifications
Symbol
Description
Min.
Typ.
Max.
Unit
RF
Internal feedback resistor
—
100
—
MΩ
Cpara
Parasitical capacitance of EXTAL32 and XTAL32
—
1.5
2.0
pF
Vpp1
Peak-to-peak amplitude of oscillation
—
0.6
—
V
1. When a crystal is being used with the 32 kHz oscillator, the EXTAL32 and XTAL32 pins should only be connected to
required oscillator components and must not be connected to any other devices.
4.2.1.2.2 32 kHz oscillator frequency specifications
Table 13. 32 kHz oscillator frequency specifications
Symbol
Description
Min.
Typ.
Max.
Unit
Notes
fosc_lo
Oscillator crystal
—
32.768
—
kHz
tstart
Crystal start-up time
—
500
—
ms
1
vec_extal32 Externally provided input clock amplitude
700
—
VBAT
mV
2, 3
1. Proper PC board layout procedures must be followed to achieve specifications.
2. This specification is for an externally supplied clock driven to EXTAL32 and does not apply to any other clock input. The
oscillator remains enabled and XTAL32 must be left unconnected.
3. The parameter specified is a peak-to-peak value and VIH and VIL specifications do not apply. The voltage of the applied
clock must be within the range of VSS to VBAT.
4.2.1.3 Free-running oscillator FRO-192M specifications
Table 14. FRO-192M specifications
Symbol
Characteristic
Min.
Typ.
Max.
Unit
ffro192m
FRO-192M frequency (nominal)
192
MHz
Δffro192m
Frequency deviation
• 1T trim (Open loop)
—
—
±1.5
%
%
tstartup
Start-up time
—
70
—
μs
jitcyc
Cycle to cycle jitter
—
105
—
ps
Ifro192m
Current consumption
—
40
50
μA
Any divided versions of the FRO that are not being used anywhere should be turned off to save power.
NOTE
NXP Semiconductors
System specifications
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
32 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com