Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 30 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 26Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 27Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 28Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 29Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 30Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 31Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 32Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 33Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 100 page
background image
• An alternate VBUS_VALID_3V detector that will report VBUS valid for voltages above 3 V
14. The i.MX 8ULP USB PHY provides two options for reporting VBUS valid back to the USB controller:
• A programmable internal VBUS_VALID comparator (the default option), or
• An alternate VBUS_VALID_3V detector that will report VBUS valid for voltages above 3 V.
4.1.6 Thermal specifications
4.1.6.1 Thermal operating requirements
Table 8. Thermal operating requirements
Symbol
Parameter
Min.
Max.
Unit
Tj
Die junction temperature—Industrial
-
105
°C
Ta
Die ambient temperature—Industrial
-40
-
°C
4.1.6.2 Thermal attributes
Table 9. Thermal resistance specifications
Rating
Board type1
Symbol
15x15 mm Package
Value
Unit
Junction to Ambient Thermal
Resistance2
Four-layer board, 2s2p
RθJA
21.4
°C/W
Junction-to-Top of Package
Thermal Characterization
Parameter 2
Four-layer board, 2s2p
ΨJT
0.4
°C/W
Junction to Case Thermal
Resistance3
Single-layer board (1S)
RθJC
7.1
°C/W
1. Thermal test board meets JEDEC specification for this package (JESD51-9). PCB has 89 thermal vias under the die
shadow area.
2. Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is
solely for a thermal performance comparison of one package to another in a standardized specified environment. It is not
meant to predict the performance of a package in an application-specific environment
3. Junction-to-Case thermal resistance determined using an isothermal cold plate. Case temperature is the surface
temperature of package top side.
Non-uniform power was applied on to the die.
NOTE
4.2 System clocks
4.2.1 Clock modules
4.2.1.1 Oscillator electrical specifications
NXP Semiconductors
System specifications
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
30 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com