Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 3 Page - NXP Semiconductors

  IMX8ULPIEC Datasheet HTML 1Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 2Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 3Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 4Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 5Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 6Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 7Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 8Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
Table 1. i.MX 8ULP features (continued)
Feature type
Application processor domain Real-time processor domain
4x 32-bit timers
4x 32-bit timers
1x MQS
1x MQS
System timers
System timers
-
2x 12-bit ADC
-
2x DAC
2x analog CMP
8x DMIC (Dual/Stereo digital microphone
interface)
Low power audio video video domain
Processor
Tensilica HiFi4 DSP
Maximum Frequency up to 600 MHz
Quad MAC 32 with Dual Load/Store
Cached Based design with AXI access to LPDDR memory
Integrated Dual 2-way SMID VFPU
32-channel DMA
On-chip memory
64 KB on-chip RAM
32 KB instruction cache
64 KB data cache
64 KB ITCM
64KB DTCM
External memory interfaces
32-bit LPDDR3, LPDDR4, LPDDR4x
Graphics, display and Camera interface
GPU3D
• Support for Open GL ES 3.1, Vulkan 1.1, Open CL 2.x and Open VG1.1
GPU2D Composition Processing Core (CPC) GPU
4-lane MIPI DSI interface
Dual lane MIPI CSI interface
Image Sensing interface (ISI) with one pixel link interface
PXP E-Ink Display Engine
Display controller (DCNano) that supports EPDC panels through MIPI, Smart
Displays and Video mode
Can be optionally powered off when not in use
Audio peripherals
2 I2S ports
Timers
1x 32-bit Timer
Table continues on the next page...
NXP Semiconductors
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
3 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com