Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 35Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 36Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 37Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 38Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 39Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 40Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 41Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 42Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
Table 17. Required connections for unused interfaces (continued)
Module
Supply Name
Description
Recommendations if module is unused
CSI_DATA2_N
MIPI Negative Data2 Signal
Leave unconnected
CSI_DATA2_P
MIPI Positive Data2 Signal
Leave unconnected
CSI_DATA3_N
MIPI Negative Data3 Signal
Leave unconnected
CSI_DATA3_P
MIPI Positive Data3 Signal
Leave unconnected
Port A Signals
VDD_PTA
Port A supply
Must be powered
Port B Signals
VDD_PTB
Port B 1.8 V supply
Must be powered
Port C Signals
VDD_PTC
Port C supply
10 kΩ resistor to ground
Port D Signals
VDD_PTD
Port D supply
10 kΩ resistor to ground
Port E Signals
VDD_PTE
Port E supply
Must be powered
Port F Signals
VDD_PTF
Port F supply
Must be powered
USB0
VDD_USB33
USB0 PHY 3.3 V supply
Must be powered
VDD_USB18
USB0 PHY 1.8 V supply
Must be powered
USB0_DM
USB D- Analog Data Signal on the
USB Bus
Leave unconnected
USB0_DP
USB D+ Analog Data Signal on
the USB Bus
Leave unconnected
USB0_VBUS_DETECT USB0 VBUS Detect
10 kΩ resistor to ground
USB1
VDD_USB33
USB1 PHY 3.3 V supply
Must be powered
VDD_USB18
USB1 PHY 1.8 V supply
Must be powered
USB1_DM
USB D- Analog Data Signal on the
USB Bus
Leave unconnected
USB1_DP
USB D+ Analog Data Signal on
the USB Bus
Leave unconnected
USB1_VBUS_DETECT USB1 VBUS Detect
10 kΩ resistor to ground
4.5 Electrical Characteristics and Thermal Specifications
4.5.1 AC electrical characteristics
Unless otherwise specified, propagation delays are measured from the 50% to the 50% point, and rise and fall times are measured
at the 20% and 80% points, as shown in the following figure.
NXP Semiconductors
System specifications
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
39 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com