Electronic Components Datasheet Search
  English  ▼

X  

IMX8ULPIEC Datasheet(PDF) 49 Page - NXP Semiconductors

Part # IMX8ULPIEC
Description  i.MX 8ULP Applications Processor-Industrial Products
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8ULPIEC Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button IMX8ULPIEC Datasheet HTML 45Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 46Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 47Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 48Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 49Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 50Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 51Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 52Page - NXP Semiconductors IMX8ULPIEC Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
J14
J13
TCLK
TRST
Figure 8. TRST timing
4.7.2 SWD Electricals
Table 28. SWD timing specificaions
Symbol
Description
Min
Max
Unit
J1
SWD_CLK frequency of operation
—
25
MHz
J2
SWD_CLK cycle period
1000/J1
—
ns
J3
SWD_CLK clock pulse width
20
—
ns
J4
SWD_CLK rise and fall times
—
3
ns
J9
SWD_DIO input data setup time to SWD_CLK rise
10
—
ns
J10
SWD_DIO input data hold time after SWD_CLK rise
0
—
ns
J11
SWD_CLK high to SWD_DIO data valid
—
37
ns
J12
SWD_CLK high to SWD_DIO high-Z
2
—
ns
J2
J3
J3
J4
J4
SWD_CLK (input)
Figure 9. Serial wire clock input timing
NXP Semiconductors
System specifications
i.MX 8ULP Applications Processor—Industrial Products, Rev. 1, 09/2023
Data Sheet: Technical Data
49 / 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com