Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 33 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 33 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 29Page - Infineon Technologies AG MA5302MS Datasheet HTML 30Page - Infineon Technologies AG MA5302MS Datasheet HTML 31Page - Infineon Technologies AG MA5302MS Datasheet HTML 32Page - Infineon Technologies AG MA5302MS Datasheet HTML 33Page - Infineon Technologies AG MA5302MS Datasheet HTML 34Page - Infineon Technologies AG MA5302MS Datasheet HTML 35Page - Infineon Technologies AG MA5302MS Datasheet HTML 36Page - Infineon Technologies AG MA5302MS Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Datasheet
33 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
9
PWM Modulator Design
The open-access front-end configuration of MA5302MS enables many ways to implement a PWM modulator.
This section explains how PWM modulation works based on an example of a self-oscillating PWM modulator in
a typical application.
Figure 29 MA5302MS Typical Control Loop Design
9.1
Input Section
The audio input stage of MA5302MS forms an inverting error amplifier. The voltage gain of the amplifier, GV, is
determined by the ratio between input resistor RIN and feedback resistor RFB.
IN
FB
V
R
R
G 
Since the feedback resistor RFB is part of an integrator time constant, which determines switching frequency,
changing the overall voltage gain by RIN is simpler and therefore recommended. Note that the input impedance
of the amplifier is equal to the input resistor RIN.
A DC blocking capacitor C3 should be connected in series with RIN to minimize the DC offset voltage on the output.
Due to potential distortion, a ceramic capacitor is not recommended. Minimizing the DC offset is essential to
minimize the audible noise during power-ON and -OFF.
The connection of the non-inverting input IN+ is a reference for the error amplifier, and thus is crucial for audio
performance. Connect IN+ to the signal reference ground in the system, which has the same potential as the
negative terminal of the speaker output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com