Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 47 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 47 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 43Page - Infineon Technologies AG MA5302MS Datasheet HTML 44Page - Infineon Technologies AG MA5302MS Datasheet HTML 45Page - Infineon Technologies AG MA5302MS Datasheet HTML 46Page - Infineon Technologies AG MA5302MS Datasheet HTML 47Page - Infineon Technologies AG MA5302MS Datasheet HTML 48Page - Infineon Technologies AG MA5302MS Datasheet HTML 49Page - Infineon Technologies AG MA5302MS Datasheet HTML 50Page - Infineon Technologies AG MA5302MS Datasheet HTML 51Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Datasheet
47 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
13
Power Supply Design
13.1
Supplying VAA and VSS
VAA and VSS are supply voltages to the front-end of the analog section, hence are noise sensitive. For best audio
performance, use regulated power supplies for VAA and VSS.
7805
7905
VAA
GND
VSS
MA53xx
2.2µF
2.2µF
10
10
Figure 43 Supplying VAA and VSS with External Voltage Regulators
When switched-mode regulators are used as supply voltages for VAA and VSS, place a two-stage R-C noise filter in
the supply lines as shown in Figure 44.
10µF
10µF
2.2µF
2.2µF
10
10
10
10
+5V
-5V
VAA
GND
VSS
MA53xx
Figure 44 Supplying VAA and VSS from Switched Mode Power Supply
13.2
Supplying VCC and VB
Figure 45 shows the recommended power supply configuration for gate driver power supplies. The gate driver
stage has three power supply inputs:
1. VCC-COM: low side gate drive supply
2. VB1-VS1: CH1 high side gate drive supply
3. VB2-VS2: CH2 high side gate drive supply
The low-side power supply, VCC, feeds the internal gate drive logic and low side gate driver. In order to protect VCC
from switching noise generated by the VS node, it is recommended to insert a few ohms of RVBS in the bootstrap
charging path.
The high-side driver requires a floating supply VBn referenced to the respective switching node VSn where the
source of the output MOSFET is connected. A charge pump method (floating bootstrap power supply) eliminates
the need for a floating power supply and thus is used in the typical application circuit. The floating bootstrap
power supply charges the bootstrap capacitor CBSfrom the low-side power supply VCC during the low-side MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com