Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 37Page - Infineon Technologies AG MA5302MS Datasheet HTML 38Page - Infineon Technologies AG MA5302MS Datasheet HTML 39Page - Infineon Technologies AG MA5302MS Datasheet HTML 40Page - Infineon Technologies AG MA5302MS Datasheet HTML 41Page - Infineon Technologies AG MA5302MS Datasheet HTML 42Page - Infineon Technologies AG MA5302MS Datasheet HTML 43Page - Infineon Technologies AG MA5302MS Datasheet HTML 44Page - Infineon Technologies AG MA5302MS Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Datasheet
41 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
CSD
AA
RESET
I
V
Ct
t
1
.
1
[s]
CSD
AA
SU
I
V
Ct
t
7
.
0
[s]
where ICSD: the charge/discharge current at the CSD pin
VAA: the floating input supply voltage with respect to VSS.
11.1.3
Shutdown Input
During normal operation, pulling the CSD pin below the upper threshold Vth1 forces the IC into shutdown mode.
Figure 37 shows how to add an external discharging path to shutdown the PWM.
Figure 37 Shutdown Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com