Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 48 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 48 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 44Page - Infineon Technologies AG MA5302MS Datasheet HTML 45Page - Infineon Technologies AG MA5302MS Datasheet HTML 46Page - Infineon Technologies AG MA5302MS Datasheet HTML 47Page - Infineon Technologies AG MA5302MS Datasheet HTML 48Page - Infineon Technologies AG MA5302MS Datasheet HTML 49Page - Infineon Technologies AG MA5302MS Datasheet HTML 50Page - Infineon Technologies AG MA5302MS Datasheet HTML 51Page - Infineon Technologies AG MA5302MS Datasheet HTML 52Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Datasheet
48 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
ON period. When the high-side MOSFET is ON, the diode cuts off and floats the VBS supply. CBS retains its VB supply
voltage for the rest of the high-side ON duration.
PWM
G
QBS
QCC
VCC
f
Q
I
I
I
2
/per channel
Recommend to have minimum 20% design margin for Ivcc.
Figure 45 Recommended Power Supply Configurations for Output Stage
13.2.1
Choosing Vs Diode
To prevent excessive negative spiking across low side MOSFET during output short circuit event, add D1vs and D2vs
across VS1-VN1 and VS2-VN2. Diode type Schottky 200V/1A is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com