Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 30Page - Infineon Technologies AG MA5302MS Datasheet HTML 31Page - Infineon Technologies AG MA5302MS Datasheet HTML 32Page - Infineon Technologies AG MA5302MS Datasheet HTML 33Page - Infineon Technologies AG MA5302MS Datasheet HTML 34Page - Infineon Technologies AG MA5302MS Datasheet HTML 35Page - Infineon Technologies AG MA5302MS Datasheet HTML 36Page - Infineon Technologies AG MA5302MS Datasheet HTML 37Page - Infineon Technologies AG MA5302MS Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
Datasheet
34 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
9.2
Control Loop Design
The MA5302MS allows the user to choose from numerous methods of PWM modulator implementations. In this
section, all the explanations are based on a typical application circuit of a self-oscillating
9.3
PWM Frequency
Choosing the switching frequency entails making a trade-off between many aspects. At lower switching
frequency, conduction losses in the MOSFET stage increases due to higher inductor ripple current. The output
carrier leakage in the speaker output increases. At higher switching frequency, the efficiency degrades due to
higher switching losses. Higher switching frequency supports wider audio bandwidth. The inductor ripple
decreases yet core loss might increase. For these reasons, 400kHz is chosen for a typical design example.
Self-oscillating frequency has little influence from the bus voltage and input resistance RIN. Note that the
nature of a self-oscillating PWM is for the switching frequency to decrease as PWM modulation deviates from
idling.
Table 6 summarizes suggested values of components for a given target self-oscillating frequency. The front-end
operational transconductance amplifier (OTA) output has limited voltage and current compliances. This set of
component values ensures that OTA operates within its linear region for optimal THD+N performance. In case
the target frequency is somewhere in between the frequencies listed in Table 6, simply adjust the frequency by
tweaking R1.
Table 10
External Component Values vs. Self-Oscillation Frequency
Target Self-Oscillation
Frequency (kHz)
C1=C2 (nF)
R1 (ohms)
500
2.2
200
450
2.2
165
400
2.2
141
350
2.2
124
300
2.2
115
250
2.2
102
200
4.7
41.2
150
10
20.0
100
10
14.0
70
22
4.42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com