Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 38Page - Infineon Technologies AG MA5302MS Datasheet HTML 39Page - Infineon Technologies AG MA5302MS Datasheet HTML 40Page - Infineon Technologies AG MA5302MS Datasheet HTML 41Page - Infineon Technologies AG MA5302MS Datasheet HTML 42Page - Infineon Technologies AG MA5302MS Datasheet HTML 43Page - Infineon Technologies AG MA5302MS Datasheet HTML 44Page - Infineon Technologies AG MA5302MS Datasheet HTML 45Page - Infineon Technologies AG MA5302MS Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
Datasheet
42 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
11.1.4
Latched Protection
Connecting CSD to VAA through a 10 kΩ or less resistor configures latched protection mode. The internal
shutdown latch stays in shutdown mode after the overcurrent is detected. An external reset switch brings CSD
below the lower threshold Vth2 for a minimum of 200 ns and resets the latch. At first power-up, a reset signal to
the CSD pin is required to release the IC from shutdown mode.
Figure 38 Latched Protection with Reset Input
11.1.5
Interfacing with System Controller
The MA5302MS can communicate with an external system controller through a simple interfacing circuit shown
in Figure 39. A generic PNP transistor, U1, detects the sink current at the CSD pin during protection event and
outputs a shutdown flag signal to an external system controller. Another generic NPN transistor, U2, can then
reset the internal protection logic by pulling the CSD voltage below the lower threshold Vth2. After the first
power-up sequence, a reset signal to the CSD pin is required to release the IC from shutdown mode.
Figure 39 Interfacing CSD with System Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com