Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 52Page - Infineon Technologies AG MA5302MS Datasheet HTML 53Page - Infineon Technologies AG MA5302MS Datasheet HTML 54Page - Infineon Technologies AG MA5302MS Datasheet HTML 55Page - Infineon Technologies AG MA5302MS Datasheet HTML 56Page - Infineon Technologies AG MA5302MS Datasheet HTML 57Page - Infineon Technologies AG MA5302MS Datasheet HTML 58Page - Infineon Technologies AG MA5302MS Datasheet HTML 59Page - Infineon Technologies AG MA5302MS Datasheet HTML 60Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
Datasheet
57 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
Note:
This design is for a stencil thickness of 0.127mm (0.005"). The reduction should be adjusted for stencils
of other thicknesses. All soldering conditions are necessary to ensure reliability. More details please
refer to Application Note AN-1170 Audio Power Quad Flat No-Lead (PQFN) Board Mounting Application
Part marking
Figure 56 Part marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com