Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 34Page - Infineon Technologies AG MA5302MS Datasheet HTML 35Page - Infineon Technologies AG MA5302MS Datasheet HTML 36Page - Infineon Technologies AG MA5302MS Datasheet HTML 37Page - Infineon Technologies AG MA5302MS Datasheet HTML 38Page - Infineon Technologies AG MA5302MS Datasheet HTML 39Page - Infineon Technologies AG MA5302MS Datasheet HTML 40Page - Infineon Technologies AG MA5302MS Datasheet HTML 41Page - Infineon Technologies AG MA5302MS Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
Datasheet
38 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
10
Operational Mode
The CSD pin determines the operational mode of the MA5302MS as shown in Figure 34. The OTA has three
operational modes: shutdown, pop-less startup and normal operation; while the gate driver section has two
modes: shutdown and normal operation.
When VCSD < Vth2, the IC is in shutdown mode and the input OTA is cut off. When Vth2< VCSD < Vth1, the output
MOSFETs are still in shutdown mode. The OTA is activated and starts local oscillation for pop-less start-up which
pre-biases all the capacitive components in the error amplifier. When VCSD>Vth1, the MA5302MS enters normal
operation mode and PWM operation starts.
Figure 34 VCSD and Operational Mode
10.1
Self-oscillation Start-up Condition
The MA5302MS requires the following conditions in order for pop-less startup to work properly.
- All the control power supplies, VAA, VSS, VCC and VBS are above the under-voltage lockout
thresholds.
- CSD pin voltage is over Vth1 threshold.
-
FB
IN
i
i 
Where
IN
IN
IN
R
V
i 
,
FB
B
FB
R
V
i
.
- The duration CSD voltage transitioning from Vth2 to Vth1 is long enough to pre-charge input and
integration capacitors around OTA section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com