Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 5Page - Infineon Technologies AG MA5302MS Datasheet HTML 6Page - Infineon Technologies AG MA5302MS Datasheet HTML 7Page - Infineon Technologies AG MA5302MS Datasheet HTML 8Page - Infineon Technologies AG MA5302MS Datasheet HTML 9Page - Infineon Technologies AG MA5302MS Datasheet HTML 10Page - Infineon Technologies AG MA5302MS Datasheet HTML 11Page - Infineon Technologies AG MA5302MS Datasheet HTML 12Page - Infineon Technologies AG MA5302MS Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Datasheet
9 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
4
Specifications
4.1
Absolute maximum ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All
voltage parameters are absolute voltages referenced to COM=VN1=VN2; all currents are defined positive into
any lead. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still
air conditions.
Symbol Definition
Min
Max
Units
VPn
Positive power supply rail voltage, n=1-2
-
80
VBn
High side floating supply voltage
-0.3
95
VSn
High side floating supply voltage(2), n=1-2
VBn -15
VBn +0.3
VCSHn
CSH pin input voltage, n=1-2
VSn -0.3
VBn +0.3
VCC
Low side supply voltage(2)
-0.3
15
VAA
Floating input positive supply voltage(2)
-0.3
90
VSS
Floating input negative supply voltage(2)
-1
(See ISSZ)
GND +0.3
VIN+n
Floating input supply ground voltage , n=1-2
VSS -0.3
VAA +0.3
IINn
Input current between IN- and IN+ pins(1), n=1-2
-
±3
mA
VCSD
CSD pin input voltage
VSS -0.3
VAA +0.3
V
VCOMPn
COMPpin input voltage, n=1-2
VSS -0.3
VAA +0.3
VCLIP
CLIP pin input voltage
GND -0.3
VAA +0.3
ICLIP
CLIP pin sinking current
-
5
mA
VFAULT
FAULT pin input voltage
GND -0.3
VAA +0.3
V
IFAULT
FAULT pin sinking current
-
5
mA
IAAZ
Floating input supply zener clamp current(2)
-
20
ISSZ
Floating input negative supply zener clamp current(2)
-
20
ICCZ
Low side supply zener clamp current(2)
-
20
IBSZn
Floating supply zener clamp current(2), n=1-2
-
20
dVSn/dt
Allowable Vs voltage slew rate, n=1-2
-
50
V/ns
dVSS/dt
Allowable Vss voltage slew rate(3)
-
50
V/ms
Id@25ºC
Continuous output current, from VPn to VSn, VSn to VNn,
VCC=10V, VBn-VSn=10V
-
38
A
Id@100ºC
Continuous output current, from VPn to VSn, VSn to VNn,
VCC=10V, VBn-VSn=10V
-
24
IDM
Pulsed output current, from VPn to VSn, VSn to VNn, VCC=10V,
VBn-VSn=10V(5)
-
152
Pd
Power dissipation(4)@ TC= 25C
-
25
W
RthJC
Thermal resistance, junction to case(4)
-
5
C/W
TJ
Junction temperature
-
150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com