Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 32Page - Infineon Technologies AG MA5302MS Datasheet HTML 33Page - Infineon Technologies AG MA5302MS Datasheet HTML 34Page - Infineon Technologies AG MA5302MS Datasheet HTML 35Page - Infineon Technologies AG MA5302MS Datasheet HTML 36Page - Infineon Technologies AG MA5302MS Datasheet HTML 37Page - Infineon Technologies AG MA5302MS Datasheet HTML 38Page - Infineon Technologies AG MA5302MS Datasheet HTML 39Page - Infineon Technologies AG MA5302MS Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
Datasheet
36 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
9.5
Click Noise Elimination
The MA5302MS has a unique feature that minimizes power-ON and -OFF audible click noise. When CSD is in
between Vth1 and Vth2 during start-up, an internal closed loop around the OTA enables an oscillation that
generates voltages at COMP and IN-, bringing them to steady-state values. It runs at around 1 MHz, independent
from the switching oscillation.
Figure 32 Audible Click Noise Elimination
As a result, all capacitive components connected to COMP and IN- pins, such as C1, C2, C3 and Cc in Figure 32,
are pre-charged to their steady-state values during the start-up sequence. This allows instant settling of closed-
loop PWM operation.
To utilize the click noise reduction function, the following conditions must be met.
1. CSD pin has slow enough ramp up from Vth1 to Vth2 such that the voltages in the capacitors can settle
to their target values.
2. High-side bootstrap power supply needs to be charged up prior to starting oscillation.
3. Audio input has to be zero.
4. For internal local loop to override external feedback during the startup period, DC offset at speaker
output prior to shutdown release has to satisfy the following condition.
FB
R
A
DCoffset
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com