Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 53 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 53 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 49Page - Infineon Technologies AG MA5302MS Datasheet HTML 50Page - Infineon Technologies AG MA5302MS Datasheet HTML 51Page - Infineon Technologies AG MA5302MS Datasheet HTML 52Page - Infineon Technologies AG MA5302MS Datasheet HTML 53Page - Infineon Technologies AG MA5302MS Datasheet HTML 54Page - Infineon Technologies AG MA5302MS Datasheet HTML 55Page - Infineon Technologies AG MA5302MS Datasheet HTML 56Page - Infineon Technologies AG MA5302MS Datasheet HTML 57Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
Datasheet
53 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
15
Board mounting, part marking, and ordering information
Reliability of products in the PQFN package is subject to the board mounting process. The Soldering process
is critical. Refer to Application Note AN-1170 Audio IC Board Mounting Application Note for specific footprint
design and soldering methods.
Device outline
Figure 50 shows the outline for these devices. The relative pad positions are controlled to an accuracy of
±0.050mm. For full dimensions and tolerances of each device, and to find out its size and outline, refer to the
relevant product data sheet and package outline drawing.
Figure 50 42-lead 7x7 device outline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com