Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 6Page - Infineon Technologies AG MA5302MS Datasheet HTML 7Page - Infineon Technologies AG MA5302MS Datasheet HTML 8Page - Infineon Technologies AG MA5302MS Datasheet HTML 9Page - Infineon Technologies AG MA5302MS Datasheet HTML 10Page - Infineon Technologies AG MA5302MS Datasheet HTML 11Page - Infineon Technologies AG MA5302MS Datasheet HTML 12Page - Infineon Technologies AG MA5302MS Datasheet HTML 13Page - Infineon Technologies AG MA5302MS Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
Datasheet
10 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
TS
Storage Temperature
-55
150
TL
Lead temperature (Soldering, 10 seconds)
-
300
Note:
1. IN- and IN+ contain clamping diodes between the two pins.
2. VAA -VSS, Vcc-COM and VBn-VSn contain internal shunt zener diodes. Note that the voltage ratings of these can be limited by
the clamping current.
3. For the rising and falling edges of step signal of 10V. Vss=15V to 100V.
4. Per MOSFET.
5. Repetitive rating, pulse width limited by maximum junction temperature.
4.2
Recommended operating conditions
For proper operation, the device should be used within the recommended conditions below. The Vss and Vsn
offset ratings are tested with supplies biased at COM=VN1=VN2, VAA-VSS=9.6V, VCC=12V and VBn-VSn=12V. All
voltage parameters are absolute voltages referenced to COM; all currents are defined positive into any lead.
Symbol
Definition
Min
Max
Units
VPn
Positive power supply voltage, n=1-2, without
heatsink
MA5302MS
-
64
V
Positive power supply voltage, n=1-2, with
heatsink
MA5302MS
-
64
VBn
High side floating supply absolute voltage, n=1-2
VSn +10
VSn +14
VSn
High side floating supply offset voltage, n=1-2
MA5302MS
(6)
80
VAA
Floating input positive supply voltage(7)
VSS +9.0
VSS + 9.8
VSS
Floating input negative supply voltage(7)
MA5302MS
0
80
IAAZ
Floating input supply zener clamp current(7)
1
15
mA
ISSZ
Floating input negative supply zener clamp current(7)
1
15
VCC
Low side fixed supply voltage
10
15
V
VIC
IN- and IN+ pins common mode input voltage
VSS+ 2
VAA - 2
VIN-n
Inverting input voltage, n=1-2
VIN+ -0.5
VIN+ +0.5
VCSD
CSD pin input voltage
VSS
VAA
VCOMPn
COMPpin input voltage, n=1-2
VSS
VAA
CCOMPn
COMP pin phase compensation capacitor to GND , n=1-2
1
-
nF
VCSHn
CSHpin input voltage, n=1-2
VSn
VBn
V
fSW
Switching frequency
-
500
kHz
TJ
Junction temperature(8)
-40
85
C
Note:
6. Logic operational for Vs equal to –5V to +80V. Logic state held for Vs equal to –5V to –VBS.
7. GND input voltage is limited by IAAZ and ISSZ.
8. Long term average temperature. The device is operational up to TJ_IC 100C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com