Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 35 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 35 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 31Page - Infineon Technologies AG MA5302MS Datasheet HTML 32Page - Infineon Technologies AG MA5302MS Datasheet HTML 33Page - Infineon Technologies AG MA5302MS Datasheet HTML 34Page - Infineon Technologies AG MA5302MS Datasheet HTML 35Page - Infineon Technologies AG MA5302MS Datasheet HTML 36Page - Infineon Technologies AG MA5302MS Datasheet HTML 37Page - Infineon Technologies AG MA5302MS Datasheet HTML 38Page - Infineon Technologies AG MA5302MS Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
Datasheet
35 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
9.4
Clock Synchronization
In the PWM control loop design example, the self-oscillating frequency can be set and synchronized to an external
clock. Through a set of resistors and a capacitor, the external clock injects periodic pulsating charges into the
integrator, forcing oscillation to lock up to the external clock frequency. A typical setup with 5 Vp-p 50% duty
clock signal uses RCK=22 kΩ and CCK=100 pF in Figure 30. To maximize audio performance, the self-running
frequency without clock injection should be 20 to 30% higher than the external clock frequency.
Figure 30 External Clock Synchronization
Figure 31 shows how a self-oscillating frequency locks up to an external clock frequency. A design of a 400 kHz
self-oscillating frequency synchronizes to an external clock whose frequency is within the red border lines.
Figure 31 Typical Lock Range to External Clock
0
100
200
300
400
500
600
10%
20%
30%
40%
50%
60%
70%
80%
90%
Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com