Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 36Page - Infineon Technologies AG MA5302MS Datasheet HTML 37Page - Infineon Technologies AG MA5302MS Datasheet HTML 38Page - Infineon Technologies AG MA5302MS Datasheet HTML 39Page - Infineon Technologies AG MA5302MS Datasheet HTML 40Page - Infineon Technologies AG MA5302MS Datasheet HTML 41Page - Infineon Technologies AG MA5302MS Datasheet HTML 42Page - Infineon Technologies AG MA5302MS Datasheet HTML 43Page - Infineon Technologies AG MA5302MS Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Datasheet
40 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
*CSD recycle: CSD pin voltage discharges down to Vth2 and charges back to VAA, if CSD pin is configured as self reset protection.
11.1.1
Self-Reset Protection
Attaching a capacitor between CSD and VSS configures the MA5302MS self-reset protection mode.
Upon an OCP event, the CSD pin discharges the external capacitor voltage VCSD down to the lower threshold Vth2
to reset the internal shutdown latch. Then, the CSD pin begins to charge the external capacitor, Ct, in an attempt
to resume operation. Once the voltage of the CSD pin rises above the upper threshold, Vth1, the IC resumes normal
operation.
Figure 36 Self-Reset Protection Configuration
11.1.2
Designing Ct
The external timing capacitor, Ct, programs self-reset timings: tRESET and tSU.
 tRESET is the time that elapses from when the IC enters the shutdown mode to the time when the IC
resumes operation. tRESET should be long enough to avoid over heating the MOSFETs from the repetitive
sequence of shutting down and resuming operation during over-current conditions. In most
applications, the minimum recommended time for tRESET is 0.1 seconds.
 tSU is the time between powering up the IC in shutdown mode to the moment the IC releases shutdown
to begin normal operation.
The Ct determines tRESET and tSU as following equations:
Over Current Protection
Keep recycling until OCP
is reset
Held L until OCP is reset
DC Protection
Held L until DCP is reset
Held L until DCP is reset
Clip Detection
n/a
n/a
OTP1-3 Inputs
Keep recycling until OTP
is reset
Held L until OTP is reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com