Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 39Page - Infineon Technologies AG MA5302MS Datasheet HTML 40Page - Infineon Technologies AG MA5302MS Datasheet HTML 41Page - Infineon Technologies AG MA5302MS Datasheet HTML 42Page - Infineon Technologies AG MA5302MS Datasheet HTML 43Page - Infineon Technologies AG MA5302MS Datasheet HTML 44Page - Infineon Technologies AG MA5302MS Datasheet HTML 45Page - Infineon Technologies AG MA5302MS Datasheet HTML 46Page - Infineon Technologies AG MA5302MS Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
Datasheet
43 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
11.2
Over Current Protection (OCP)
The MA5302MS features over current protection to protect the internal power MOSFETs during abnormal load
conditions. The control logic diagrams are in Figure 40. As soon as either the high-side or low-side current sensing
block detects over current, the following sequence will occur.
1. The shutdown latch flips its logic states from normal operational mode to shutdown mode.
2. Low-side and high-side MOSFETs go into an off state condition.
3. The CSD pin starts discharging the external capacitor Ct.
4. When voltage across Ct falls below the lower threshold Vth2, COMP2 resets the shutdown latch to normal
mode.
5. The CSD pin starts charging the external capacitor Ct.
6. When VCSD goes above the upper threshold Vth1, the logic on COMP1 toggles and the IC resumes operation.
Figure 40 summarizes the above. As long as the over current condition exists, the IC will repeat the over current
protection sequence at a repetitive rate set by the CSD capacitor.
Figure 40 Overcurrent Protection Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com