Electronic Components Datasheet Search
  English  ▼

X  

MA5302MS Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # MA5302MS
Description  2x200W Class-D Amplifier, Analog Input, with Integrated 16mΩ RDS(ON) Output Stage
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

MA5302MS Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button MA5302MS Datasheet HTML 7Page - Infineon Technologies AG MA5302MS Datasheet HTML 8Page - Infineon Technologies AG MA5302MS Datasheet HTML 9Page - Infineon Technologies AG MA5302MS Datasheet HTML 10Page - Infineon Technologies AG MA5302MS Datasheet HTML 11Page - Infineon Technologies AG MA5302MS Datasheet HTML 12Page - Infineon Technologies AG MA5302MS Datasheet HTML 13Page - Infineon Technologies AG MA5302MS Datasheet HTML 14Page - Infineon Technologies AG MA5302MS Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
Datasheet
11 of 59
V 2.1
11/2/2023
Integrated Class D Amplifier
MA5302MS
4.3
Electrical characteristics
Unless otherwise specified, the following apply:
VCC,VBS= 12 V
VSS=VS1=VS2=VN1=VN2=COM=0V
VAA=9.6V
TA=25C
Table 2
Electrical characteristics
Symbol
Definition
Min
Typ
Max
Units
Test conditions
Low-side supply
UVCC+
Vcc supply UVLO positive
threshold
8.4
8.9
9.4
V
UVCC-
Vcc supply UVLO negative
threshold
8.2
8.7
9.2
V
UVCCHYS
UVCC hysteresis
-
0.2
-
V
IQCC
Low side quiescent current
-
-
3
mA
ICC
Low side supply current
-
10
-
mA
f=400kHz
VCLAMPLn
Low side zener diode clamp
voltage, n=1-2
14.7
15.3
16.2
V
ICC=5mA
High-side floating supply
UVBS+n
High side well UVLO positive
threshold, n=1-2
8.0
8.5
9.0
V
UVBS-n
High side well UVLO negative
threshold, n=1-2
7.8
8.3
8.8
V
UVBSHYSn
UVBS hysteresis, n=1-2
-
0.2
-
V
IQBSn
High side quiescent current,
n=1-2
-
-
2.4
mA
IQBSn_OFF-CSH
High side quiescent current,
with CSH pin open n=1-2
350
500
650
uA
VCLAMPHn
High side zener diode clamp
voltage, n=1-2
14.7
15.3
16.2
V
IBS=5mA
Floating input supply
UVAA+
VA+, VA- floating supply UVLO
positive threshold from VSS
8.2
8.7
9.2
V
VSS =0V, GND pin
floating
UVAA-
VA+, VA- floating supply UVLO
negative threshold from VSS
7.7
8.2
8.7
V
VSS =0V, GND pin
floating
UVAAHYS
UVAA hysteresis
-
0.5
-
V
VSS =0V, GND pin
floating
IQAA0
Floating Input positive quiescent
supply current
-
1.5
3
mA
VAA=9.6V, VSS =0V,
VCSD =VSS
IQAA1
Floating Input positive quiescent
supply current
-
4
6
mA
VAA=9.6V, VSS =0V,
VCSD =VAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com