Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 105 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 101Page - NXP Semiconductors IMX7DCEC Datasheet HTML 102Page - NXP Semiconductors IMX7DCEC Datasheet HTML 103Page - NXP Semiconductors IMX7DCEC Datasheet HTML 104Page - NXP Semiconductors IMX7DCEC Datasheet HTML 105Page - NXP Semiconductors IMX7DCEC Datasheet HTML 106Page - NXP Semiconductors IMX7DCEC Datasheet HTML 107Page - NXP Semiconductors IMX7DCEC Datasheet HTML 108Page - NXP Semiconductors IMX7DCEC Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
105
4.10.8.9 Low-power receiver timing
Input Glitch Rejection of Low-Power Receivers
4.10.9 PCIe PHY parameters
The PCIe interface is designed to be compatible with PCIe specification Gen2 x1 lane and supports the
PCI Express 1.1/2.0 standard.
4.10.9.1 PCIE_REXT reference resistor connection
The impedance calibration process requires connection of reference resistor 4.7 k 1% precision resistor
on PCIE_REXT pads to ground. It is used for termination impedance calibration.
4.10.10 Pulse width modulator (PWM) timing parameters
This section describes the electrical information of the PWM. The PWM can be programmed to select one
of three clock signals as its source frequency. The selected clock signal is passed through a prescaler before
being input to the counter. The output is available at the pulse-width modulator output (PWMO) external
pin.
Figure 70 depicts the timing of the PWM, and Table 78 lists the PWM timing parameters.
Figure 70. PWM Timing
Table 78. PWM output timing parameters
ID
Parameter
Min
Max
Unit
PWM Module Clock Frequency
0
ipg_clk
MHz
2*TLPX
2*TLPX
TMIN-RX
TMIN-RX
eSPIKE
eSPIKE
Input
Output
VIH
VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com