Electronic Components Datasheet Search
  English  ▼

X  

IMX7DCEC Datasheet(PDF) 109 Page - NXP Semiconductors

Part # IMX7DCEC
Description  i.MX 7Dual Family of Applications Processors Datasheet
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7DCEC Datasheet(HTML) 109 Page - NXP Semiconductors

Back Button IMX7DCEC Datasheet HTML 105Page - NXP Semiconductors IMX7DCEC Datasheet HTML 106Page - NXP Semiconductors IMX7DCEC Datasheet HTML 107Page - NXP Semiconductors IMX7DCEC Datasheet HTML 108Page - NXP Semiconductors IMX7DCEC Datasheet HTML 109Page - NXP Semiconductors IMX7DCEC Datasheet HTML 110Page - NXP Semiconductors IMX7DCEC Datasheet HTML 111Page - NXP Semiconductors IMX7DCEC Datasheet HTML 112Page - NXP Semiconductors IMX7DCEC Datasheet HTML 113Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 161 page
background image
Electrical characteristics
i.MX 7Dual Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
109
• For loopback DQS sampling, the data strobe is output to the DQS pad
together with the serial clock. The data strobe is looped back from DQS
pad and used to sample input data.
Figure 76. QuadSPI Output/Write Timing (DDR mode)
NOTE
Tcss and Tcsh are configured by the QuadSPIx_FLSHCR register, the default
value of 3 are shown on the timing. See the i.MX 7Dual Reference Manual
(IMX7DRM) for more details.
4.10.12 SAI/I2S switching specifications
This section provides the AC timings for the SAI in master (clocks driven) and slave (clocks input) modes.
All timings are given for noninverted serial clock polarity (SAI_TCR[TSCKP] = 0, SAI_RCR[RSCKP] =
0) and noninverted frame sync (SAI_TCR[TFSI] = 0, SAI_RCR[RFSI] = 0). If the polarity of the clock
and/or the frame sync have been inverted, all the timings remain valid by inverting the clock signal
(SAI_BCLK) and/or the frame sync (SAI_FS) shown in the figures below.
Table 84. QuadSPI Output/Write Timing (DDR mode)
Symbol
Parameter
Value
Unit
Min
Max
TDVO
Output data valid time
—
(0.25 x TSCLK) + 2.5 ns
TDHO
Output data hold time
(0.25 x TSCLK) - 0.5
—
ns
TCK
SCK clock period
20
—
ns
TCSS
Chip select output setup time
3
—
SCK cycle(s)
TCSH
Chip select output hold time
3
—
SCK cycle(s)
Table 85. Master mode SAI timing
Num
Characteristic
Min
Max
Unit
S1
SAI_MCLK cycle time
20
—
ns
S2
SAI_MCLK pulse width high/low
40%
60%
MCLK period
S3
SAI_BCLK cycle time
40
—
ns
S4
SAI_BCLK pulse width high/low
40%
60%
BCLK period
12
TCSS
TCK
TDVO
TDHO
TDVO
TDHO
TCSH
QSPIx_SCLK
QSPIx_CS
QSPIx_SIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com