Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 35 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 35 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 31Page - Analog Devices LTM4673 Datasheet HTML 32Page - Analog Devices LTM4673 Datasheet HTML 33Page - Analog Devices LTM4673 Datasheet HTML 34Page - Analog Devices LTM4673 Datasheet HTML 35Page - Analog Devices LTM4673 Datasheet HTML 36Page - Analog Devices LTM4673 Datasheet HTML 37Page - Analog Devices LTM4673 Datasheet HTML 38Page - Analog Devices LTM4673 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 132 page
background image
LTM4683
35
Rev. 0
For more information www.analog.com
OPERATION
will occur. If the user does not wish to see the ALERT from
a PLL_FAULT, even if there is not a valid synchronization
signal at power-up, the ALERT mask for PLL_FAULT must
be written. See the description on SMBALERT_MASK for
more details. If the SYNC_nn pin is connected between
multiple ICs, only one of the ICs should have the SYNC_nn
pin enabled using the MFR_CONFIG_ALL[4] = 0, and all
other ICs should be configured to have the SYNC pin dis-
abled with MFR_CONFIG_ALL[4] = 1.
The ASEL_nn pin settings are described in Table  4.
ASEL_nn selects the subordinate address for the
LTM4683 internal controller. For more details, see Table 5.
NOTE: Per the PMBus specification, pin-programmed
parameters can be overridden by commands from the
digital interface, with the exception of ASEL_nn, which is
always honored. Do not set any part address to 0x5A or
0x5B because these are global addresses, and all parts
will respond to them.
Table 1. VOUTn_CFG Pin Strapping Look-Up Table for the
LTM4683’s Output Voltage, Coarse Setting (Not Applicable if
MFR_CONFIG_ALL[6] = 1b) Top Resistor = 14.3k
RVOUTn_CFG*
(kΩ)
VOUTn (V)
SETTING COARSE
MFR_PWM_
MODEn[1] BIT
Open
NVM
NVM
32.4
NVM
NVM
0.787
0.7
1
0
0.5
1
*RVOUTn_CFG value indicated is nominal. Select RVOUTn_CFG from a resistor
vendor such that its value is always within 3% of the value indicated in the table.
Consider resistor initial tolerance, T.C.R. and resistor operating temperatures,
soldering heat/IR reflow, and endurance of the resistor over its lifetime. Thermal
shock/cycling, moisture (humidity), and other effects (depending on one’s
specific application) could also affect RVOUTn_CFG’s value over time. All such
effects must be considered in order for resistor pin strapping to yield the
expected result at every SVIN power-up and/or every execution of MFR_RESET
or RESTORE_USER_ALL, over the lifetime of one’s product. RTOP = 14.3k is
external to the part. Example:
RTOP
14.3k
RVOUTn_CFG
SGND_nn
VOUTn_CFG
VDD25_nn
Table 2. VTRIMn_CFG Pin Strapping Look-Up Table for the
LTM4683’s Output Voltage, Fine Adjustment Setting (Not
Applicable if MFR_CONFIG_ALL[6] = 1b) Top Resistor = 14.3k
RVTRIMn_CFG*
(kΩ)
VTRIM (mV) FINE ADJUSTMENT TO VOUTn
SETTING WHEN RESPECTIVE
Open
0
32.4
99
22.6
86.625
18.0
74.25
15.4
61.875
12.7
49.5
10.7
37.125
9.09
24.75
7.68
12.375
6.34
–12.375
5.23
–24.75
4.22
–37.125
3.24
–49.5
2.43
–61.875
1.65
–74.25
0.787
–86.625
0
–99
*RVTRIMn_CFG value indicated is nominal. Select RVTRIMn_CFG from a
resistor vendor such that its value is always within 3% of the value
indicated in the table. Consider resistor initial tolerance, T.C.R. and resistor
operating temperatures, soldering heat/IR reflow, and endurance of the
resistor over its lifetime. Thermal shock/cycling, moisture (humidity), and
other effects (depending on one’s specific application) could also affect
RVTRIMn_CFG’s value over time. All such effects must be considered in
order for resistor pin strapping to yield the expected result at every SVIN_nn
power-up and/or every execution of MFR_RESET, or RESTORE_USER_ALL
over the lifetime of one’s product. RTOP = 14.3k is external to the part.
Example:
14.3k
RTRIM_CFG BOT
SGND_nn
VTRIMn_CFG
VDD25_nn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com