Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 24Page - Analog Devices LTM4673 Datasheet HTML 25Page - Analog Devices LTM4673 Datasheet HTML 26Page - Analog Devices LTM4673 Datasheet HTML 27Page - Analog Devices LTM4673 Datasheet HTML 28Page - Analog Devices LTM4673 Datasheet HTML 29Page - Analog Devices LTM4673 Datasheet HTML 30Page - Analog Devices LTM4673 Datasheet HTML 31Page - Analog Devices LTM4673 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 132 page
background image
LTM4683
28
Rev. 0
For more information www.analog.com
OPERATION
Fault reporting and shutdown behavior are fully con-
figurable. Four individual FAULT0, FAULT1, FAULT2,
and FAULT3, outputs are provided. Each FAULTn can be
masked independently.
Six dedicated pins for ALERT_01, ALERT_23, PGOOD0,
PGOOD1, PGOOD2, and PGOOD3 functions are provided.
The shutdown operation also allows all faults to be indi-
vidually masked and can be operated in either unlatched
(hiccup) or latched modes.
Individual status commands enable fault reporting over
the serial bus to identify the specific fault event. Fault or
warning detection includes the following:
n
Output Undervoltage/Overvoltage
n
Input Undervoltage/Overvoltage
n
Input and Output Overcurrent
n
Internal Overtemperature
n
Communication, Memory or Logic (CML) Fault
EEPROM WITH ECC
The LTM4683 contains internal EEPROM with error cor-
rection coding (ECC) to store user configuration set-
tings and fault log information for Channels 0 and 1 and
Channels 2 and 3. EEPROM endurance retention and
mass write operation time are specified in the Electrical
Characteristics and Absolute Maximum Ratings sections.
Write operations above TJ = 85°C are possible, although
the Electrical Characteristics are not guaranteed, and the
EEPROM will be degraded. Read operations performed at
temperatures between –40°C and 125°C will not degrade
the EEPROM. Writing to the EEPROM above 85°C will
result in degrading retention characteristics. The fault log-
ging function, which is useful in debugging system prob-
lems that may occur at high temperatures, only writes to
fault log EEPROM locations. If occasional writes to these
registers occur above 85°C, the slight degradation in the
data retention characteristics of the fault log will not take
away from the usefulness of the function.
It is recommended that the EEPROM not to be written
when the die temperature is greater than 85°C. If the die
temperature exceeds 130°C, the LTM4683 will disable all
EEPROM write operations. All EEPROM write operations
will be re-enabled when the die temperature drops below
125°C. (The controller will also disable all the switching
when the die temperature exceeds the internal overtem-
perature fault limit of 160°C with a 10°C hysteresis).
The degradation in EEPROM retention for temperatures
>125°C can be approximated by calculating the dimen-
sionless acceleration factor using Equation 1.
AF
= e
Ea
k
⎛
⎝⎜
⎞
⎠⎟
•
1
TUSE+273
–
1
TSTRESS+273
⎛
⎝⎜
⎞
⎠⎟
⎡
⎣
⎢
⎤
⎦
⎥
(1)
where:
AF = acceleration factor
Ea = activation energy = 1.4eV
k = 8.617 • 10–5 eV/K
TUSE = 125°C specified junction temperature
TSTRESS = actual junction temperature in °C
Example: Calculate the effect on retention when operating
at a junction temperature of 130°C for 10 hours.
TSTRESS = 130°C
TUSE = 125°C,
AF = e([(1.4/8.617 • 10
–5) • (1/398 – 1/403)] ) = 1.66
The equivalent operating time at 125°C = 16.6 hours.
Thus, the overall retention of the EEPROM was degraded
by 6.6 hours as a result of operating at a junction tempera-
ture of 130°C for 10 hours. The effect of the overstress is
negligible when compared to the overall EEPROM reten-
tion rating of 87,600 hours at a maximum junction tem-
perature of 125°C.
The integrity of the entire onboard EEPROM is checked with
a CRC calculation each time its data is to be read, such as
after a power-on reset or execution of a RESTORE_USER_
ALL command. If a CRC error occurs, the CML bit is set in
the STATUS_BYTE and STATUS_WORD commands, the
EEPROM CRC Error bit in the STATUS_MFR_SPECIFIC
command is set, and the ALERT and RUN pins pulled low
(PWM channels off). At that point, the device will only
respond at a special address 0x7C, which is activated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com