Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 44 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 44 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 40Page - Analog Devices LTM4673 Datasheet HTML 41Page - Analog Devices LTM4673 Datasheet HTML 42Page - Analog Devices LTM4673 Datasheet HTML 43Page - Analog Devices LTM4673 Datasheet HTML 44Page - Analog Devices LTM4673 Datasheet HTML 45Page - Analog Devices LTM4673 Datasheet HTML 46Page - Analog Devices LTM4673 Datasheet HTML 47Page - Analog Devices LTM4673 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
LTM4683
44
Rev. 0
For more information www.analog.com
OPERATION
BUS TIMEOUT PROTECTION
The LTM4683 implements a timeout feature to avoid
persistent faults on the serial interface. The data packet
timer begins at the first START event before the device
address byte write. Data packet information must be
completed within 30ms, or the LTM4683 will three-state
the bus and ignore the given data packet. If more time
is required, assert bit 3 of MFR_CONFIG_ALL to allow
typical bus timeouts of 255ms. Data packet information
includes the device address byte write, command byte,
repeat start event (if a read operation), device address
byte read (if a read operation), all data bytes and the PEC
byte if applicable.
The LTM4683 allows longer PMBus timeouts for block-
read data packets. This timeout is proportional to the
length of the block read. The additional block read timeout
applies primarily to the MFR_FAULT_LOG command. The
timeout period defaults to 32ms.
The user is encouraged to use as high a clock rate as
possible to maintain efficient data packet transfer between
all devices sharing the serial bus interface. The LTM4683
supports the full PMBus frequency range from 10kHz
to 400kHz.
SIMILARITY BETWEEN PMBus, SMBus AND I2C
2-WIRE INTERFACE
The PMBus 2-wire interface is an incremental extension
of the SMBus. SMBus is built upon I2C with some minor
differences in timing, DC parameters and protocol. The
PMBus/SMBus protocols are more robust than simple I2C
byte commands because PMBus/SMBus provide time-
outs to prevent persistent bus errors and optional packet
error checking (PEC) to ensure data integrity. In general,
a main device that can be configured for I2C communica-
tion can be used for PMBus communication with little or
no change to hardware or firmware. Repeat start (restart)
is not supported by all I2C controllers but is required for
SMBus/PMBus reads. If a general-purpose I2C controller
is used, check that repeat start is supported.
The LTM4683 supports the maximum SMBus clock
speed of 100kHz and is compatible with the higher speed
PMBus specification (between 100kHz and 400kHz) if
MFR_COMMON polling or clock stretching is enabled.
For robust communication and operation, see the Note
section in the PMBus command summary table (See
Table 7). Clock stretching is enabled by asserting bit 1 of
MFR_CONFIG_ALL.
For a description of the minor extensions and exceptions
PMBus makes to SMBus, Refer to PMBus Specification
Part 1 Revision 1.2: Paragraph 5: Transport.
To describe the differences between SMBus and I2C,
refer to System Management Bus (SMBus) Specification
Version 2.0: Appendix B—Differences Between SMBus
and I2C.
PMBus SERIAL DIGITAL INTERFACE
The LTM4683 communicates with a host (main) device
using the standard PMBus serial bus interface. The tim-
ing diagram, Figure 6, shows the timing relationship of
the signals on the bus. The two bus lines, SDA and SCL,
must be high when the bus is not in use. External pull-
up resistors or current sources are required on these
lines. The LTM4683 is a subordinate device. The main
device can communicate with the LTM4683 using the
following formats:
n
The Main Transmitter, Subordinate Receiver
n
The Main Receiver, Subordinate Transmitter
The following PMBus protocols are supported:
n
Write Byte, Write Word, Send Byte
n
Read Byte, Read Word, Block Read, Block Write
n
Alert Response Address
Figure 7—Figure 24 illustrate the aforementioned PMBus
protocols. All transactions support PEC and GCP (group
command protocol). The Block Read supports 255 bytes
of returned data. For this reason, the PMBus timeout may
be extended when reading the fault log.
Figure 7 is the key to the protocol diagrams in this section.
PEC is optional.
A value shown below a field in Figure 7—Figure 24 is a
mandatory value for that field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com