Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 91 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 91 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 87Page - Analog Devices LTM4673 Datasheet HTML 88Page - Analog Devices LTM4673 Datasheet HTML 89Page - Analog Devices LTM4673 Datasheet HTML 90Page - Analog Devices LTM4673 Datasheet HTML 91Page - Analog Devices LTM4673 Datasheet HTML 92Page - Analog Devices LTM4673 Datasheet HTML 93Page - Analog Devices LTM4673 Datasheet HTML 94Page - Analog Devices LTM4673 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 132 page
background image
LTM4683
91
Rev. 0
For more information www.analog.com
FREQUENCY_SWITCH
The FREQUENCY_SWITCH command sets the switching frequency, in kHz, of the LTM4683.
Supported Frequencies
VALUE [15:0]
RESULTING FREQUENCY (TYP)
(kHz)
0x0000
External Oscillator
0xF3E8
250
0xFABC
350
0xFB52
425
0xFBE8
500
0x023F
575
0x028A
650
0x02EE
750
0x03E8
1000
The part must be in the Off state to process this command. The RUN pin must be low, or both channels must be com-
manded off. If the part is in the RUN state and this command is written, the command will be NACK’d and a BUSY
fault will be asserted. When the part is commanded off, and the frequency is changed, a PLL_UNLOCK status may be
detected as the PLL locks onto the new frequency.
This command has two data bytes and is formatted in Linear_5s_11s format.
VOLTAGE
Input Voltage and Limits
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
VIN_OV_FAULT_LIMIT
0x55
Input supply overvoltage fault limit.
R/W
Word
N
L11
V
Y
15.5
0xD3E0
VIN_UV_WARN_LIMIT
0x58
Input supply undervoltage warning limit.
R/W
Word
N
L11
V
Y
4.65
0xCA54
VIN_ON
0x35
Input voltage at which the unit should start
power conversion.
R/W
Word
N
L11
V
Y
4.75
0xCA60
VIN_OFF
0x36
Input voltage at which the unit should stop
power conversion.
R/W
Word
N
L11
V
Y
4.50
0xCA40
MFR_ICHIP_CAL_GAIN
0xF7
The resistance value of the VIN pin filter
element in milliohms
R/W
Word
N
L11
mΩ
Y
1000
0x03E8
VIN_OV_FAULT_LIMIT
The VIN_OV_FAULT_LIMIT command sets the value of the input voltage measured by the ADC, in volts, that causes
an input overvoltage fault.
This command has two data bytes in Linear_5s_11s format.
PMBus COMMAND DETAILS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com