Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 60 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 60 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 56Page - Analog Devices LTM4673 Datasheet HTML 57Page - Analog Devices LTM4673 Datasheet HTML 58Page - Analog Devices LTM4673 Datasheet HTML 59Page - Analog Devices LTM4673 Datasheet HTML 60Page - Analog Devices LTM4673 Datasheet HTML 61Page - Analog Devices LTM4673 Datasheet HTML 62Page - Analog Devices LTM4673 Datasheet HTML 63Page - Analog Devices LTM4673 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 132 page
background image
LTM4683
60
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
at the natural rate determined by the load impedance. If
the controller is in discontinuous-conduction mode, the
controller will not pull a negative current, and the output
will be pulled low by the load, not the power stage. The
maximum fall time is limited to 1.3 seconds. The shorter
the TOFF_FALL time is set, the larger the discrete steps
in the TOFF_FALL ramp will appear. The number of steps
in the ramp is equal to TOFF_FALL/0.1ms.
UNDERVOLTAGE LOCKOUT
The LTM4683 is initialized by an internal threshold-
based UVLO where VIN must be approximately 4V and
INTVCC_nn, VDD33_nn, and VDD25_nn must be within
approximately 20% of their regulated values. In addition,
VDD33_nn must be within approximately 7% of the tar-
geted value before the RUNn pin is released. After the
part has initialized, an additional comparator monitors
VIN. The VIN_ON threshold must be exceeded before the
power sequencing can begin. When the VIN drops below
the VIN_OFF threshold, the SHARE_CLK_nn pin will be
pulled low, and the VIN must increase above the VIN_ON
threshold before the controller will restart. The normal
start-up sequence will be allowed after the VIN_ON
threshold is crossed. If FAULTn is held low when VIN is
applied, ALERTnn will be asserted low even if the part is
programmed not to assert ALERTnn when FAULTn is held
low. If I2C communication occurs before the LTM4683 is
out of reset and only a portion of the command is seen by
the part, this can be interpreted as a CML fault. If a CML
fault is detected, ALERTnn is asserted low.
It is possible to program the contents of the NVM in the
application if the VDD33_nn supply is externally driven
directly to VDD33_nn or through VBIAS. This will activate the
digital portion of the LTM4683 without engaging the high
voltage sections. PMBus communications are valid in this
supply configuration. If VIN has not been applied to the
LTM4683, bit 3 (NVM Not Initialized) in MFR_COMMON
will be asserted low. If this condition is detected, the part
will only respond to addresses 5A and 5B. To initialize the
part issue, the following set of commands: global address
0x5B command 0xBD data 0x2B followed by global
address 5B command 0xBD and data 0xC4. The part will
now respond to the correct address. Configure the part
as desired, then issue a STORE_USER_ALL. When VIN
is applied, an MFR_RESET command must be issued to
allow the PWM to be enabled and valid ADC conversions
to be read.
FAULT DETECTION AND HANDLING
The LTM4683 FAULTn pins are configurable to indicate a
variety of faults, including overvoltage (OV), undervolt-
age (UV), overcurrent (OC), overtemperature (OT), timing
faults, and peak overcurrent faults. In addition, the FAULTn
pins can be pulled low by external sources, indicating
a fault in some other portion of the system. The fault
response is configurable and allows the following options:
n
Ignore
n
Shut Down Immediately—Latch Off
n
Shut Down Immediately—Retry Indefinitely at the
Time Interval Specified in MFR_RETRY_DELAY
See the PMBus Command Summary and the PMBus
Command Details sections and refer to the PMBus speci-
fication for more details.
The OV response is automatic. If an OV condition is
detected, TGn goes low, and BGn is asserted.
Fault logging is available on the LTM4683. The fault log-
ging is configurable to automatically store data when a
fault occurs that causes the unit to fault off. The header
portion of the fault logging table contains peak values. It
is possible to read these values at any time. This data will
be useful while troubleshooting the fault.
If the LTM4683 internal temperature is in excess of 85°C,
writes into the NVM (other than fault logging) are not
recommended. The data will still be held in RAM, unless
the 3.3V supply UVLO threshold is reached. If the die
temperature exceeds 130°C, all NVM communication is
disabled until the die temperature drops below 120°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com