Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 56 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 56 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 52Page - Analog Devices LTM4673 Datasheet HTML 53Page - Analog Devices LTM4673 Datasheet HTML 54Page - Analog Devices LTM4673 Datasheet HTML 55Page - Analog Devices LTM4673 Datasheet HTML 56Page - Analog Devices LTM4673 Datasheet HTML 57Page - Analog Devices LTM4673 Datasheet HTML 58Page - Analog Devices LTM4673 Datasheet HTML 59Page - Analog Devices LTM4673 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 132 page
background image
LTM4683
56
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
start-up mode, forced continuous mode is the default
running mode).
If a channel is enabled for discontinuous-conduction mode
operation, the inductor current is not allowed to reverse.
The reverse current comparator, IREV, turns off the bottom
MOSFET (MBn) just before the inductor current reaches
zero, preventing it from reversing and going negative.
Thus, the controller can operate in discontinuous (pulse-
skipping) operation. In forced continuous mode operation,
the inductor current is allowed to reverse at light loads or
under large transient conditions. The peak inductor cur-
rent is determined solely by the voltage on the COMPn
pin. In this mode, the efficiency at light loads is lower than
in discontinuous mode operation. However, continuous
mode exhibits lower output ripple and less interference
with audio circuitry. Forced continuous mode may result
in a reverse inductor current, which can cause the input
supply to boost. The VIN_OV_FAULT_LIMIT can detect this
(if SVIN_nn is connected to VIN01 and/or VIN23) and turn off
the offending channel. However, this fault is based on an
ADC read and can nominally take up to 100ms to detect.
If there is a concern about the input supply boosting, keep
the part in discontinuous conduction operation.
SWITCHING FREQUENCY AND PHASE
The switching frequency of the LTM4683’s channels is
established by its analog phase-locked-loop (PLL) lock-
ing on to the clock present at the module’s SYNC_nn
pin. The clock waveform on the SYNC_nn pin can be
generated by the LTM4683’s internal circuitry when an
external pull-up resistor to 3.3V (e.g., VDD33) is pro-
vided, in combination with the LTM4683 control IC’s
FREQUENCY_SWITCH command being set to one of the
following supported values: 250kHz, 350kHz, 425kHz,
500kHz, 575kHz, 650kHz, 750kHz. In this configuration,
the module is called a “sync main” (using the factory-
default setting of MFR_CONFIG_ALL[4] = 0b), SYNC_nn
becomes a bidirectional open-drain pin, and the LTM4683
pulls SYNC logic low for nominally 500ns at a time, at the
prescribed clock rate. The SYNC signal can be bused to
other LTM4683 modules (configured as “sync subordi-
nates”) for purposes of synchronizing switching frequen-
cies of multiple modules within a system—but only one
LTM4683 internal controller should be configured as a
“sync main”; the other LTM4683(s) should be configured
as “sync subordinates”.
The most straightforward way is to set its FREQUENCY_
SWITCH command to 0x0000 and MFR_CONFIG_
ALL[4] = 1b. This can be easily implemented with resis-
tor pin-strap settings on the FSWPH_nn_CFG pin (see
Table 3). Using MFR_CONFIG_ALL[4] = 1b, the LTM4683s
SYNC pin becomes a high impedance input only—i.e.,
it does not drive SYNC low. The LTM4683 module syn-
chronizes its frequency to the clock applied to its SYNC
pin. The only shortcoming of this approach is that in the
absence of an externally applied clock, the switching fre-
quency of the module will default to the low end of its
frequency-synchronization capture range (~225kHz).
If fault-tolerance to the loss of an externally applied SYNC
clock is desired, the FREQUENCY_SWITCH command of
a “sync subordinate” can be left at the nominal target
switching frequency of the application and not 0x0000
However, it is still necessary to configure MFR_CONFIG_
ALL[4] = 1b. With this combination of configurations,
the LTM4683’s SYNC_nn pins become a high-impedance
input, and the module synchronizes its frequency to that
of the externally applied clock, provided that the frequency
of the externally applied clock exceeds ~½. of the target
frequency (FREQUENCY_SWITCH). If the SYNC clock is
absent, the module responds by operating at its target
frequency, indefinitely. If and when the SYNC clock is
restored, the module automatically phase-locks to the
SYNC clock as normal. The only shortcoming of this
approach is that the EEPROM must be configured per
above guidance; resistor pin-strapping options on the
FSWPH_nn_CFG pin alone cannot provide fault-tolerance
to the absence of the SYNC clock.
The FREQUENCY_SWITCH register can be altered via I2C
commands, but only when the switching action is dis-
engaged, i.e., the module’s outputs are turned off. The
FREQUENCY_SWITCH command takes on the value stored
in NVM at SVIN power-up, but is overridden according to
a resistor pin-strap applied between the FSWPH_nn_CFG
pin and SGND only if the module is configured to respect
resistor pin-strap settings (MFR_CONFIG_ALL[6] = 0b).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com