Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 62 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 62 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 58Page - Analog Devices LTM4673 Datasheet HTML 59Page - Analog Devices LTM4673 Datasheet HTML 60Page - Analog Devices LTM4673 Datasheet HTML 61Page - Analog Devices LTM4673 Datasheet HTML 62Page - Analog Devices LTM4673 Datasheet HTML 63Page - Analog Devices LTM4673 Datasheet HTML 64Page - Analog Devices LTM4673 Datasheet HTML 65Page - Analog Devices LTM4673 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 132 page
background image
LTM4683
62
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
STATUS_MFR_SPECIFIC command is asserted, and the
ALERT_nn pin is pulled low. The fault can be cleared by
writing a 1 to the bit. If the user does not wish to see
the ALERT_nn pin assert if a PLL_FAULT occurs, the
SMBALERT_MASK command can be used to prevent the
alert.
If the SYNC signal is not clocking in the application, the
nominal programmed frequency will control the PWM
circuitry. However, if multiple parts share the SYNC_nn
pins and the signal is not clocking, the parts will not be
synchronized, and excess voltage ripple on the output
may be present. Bit 10 of MFR_PADS will be asserted low
if this condition exists.
If the PWM signal appears to be running at too high a
frequency, monitor the SYNC_nn pin. Extra transitions
on the falling edge will result in the PLL trying to lock on
to noise versus the intended signal. Review the routing
of digital control signals and minimize crosstalk to the
SYNC signal to avoid this problem. Multiple LTM4683s
are required to share one SYNC_nn pin in PolyPhase
configurations. For other configurations, connecting the
SYNC_nn pins to form a single SYNC signal is optional. If
the SYNC_nn pin is shared between LTM4683s, only one
LTM4683 controller can be programmed with frequency
output. All the other LTM4683s should be programmed
to disable the SYNC_nn output. However, their frequency
should be programmed to the nominal desired value.
INPUT CURRENT SENSE AMPLIFIER
The LTM4683 input current sense amplifier can sense
the supply current into the VIN01 and VIN23 power stages
pins using an external sense resistor, as shown in Figure 2
Simplified Block Diagram. The RSENSEn value can be pro-
grammed using the MFR_IIN_CAL_GAIN command.
Kelvin sensing is recommended across the RSENSE resis-
tor to eliminate errors. The MFR_PWM_CONFIG [6:5]
sets the input current sense amplifier gain. See the MFR_
PWM_CONFIG section. The IIN_OC_WARN_LIMIT com-
mand sets the value of the input current measured by the
ADC in amperes, which causes a warning indicating the
input current is high. The READ_IIN value will be used to
determine if this limit has been exceeded. The READ_IIN
command returns the input current, in Amperes, as mea-
sured across the input current sense resistor.
There is an IR voltage drop from the supply to the SVIN_nn
pin due to the current flowing into the SVIN_nn pin. To
compensate for this voltage drop, the MFR_RVIN will be
automatically set to the 1Ω internal sense resistor in the
Figure 2 Simplified Block Diagram. The LTM4683 will
multiply the MFR_READ_ICHIP measurement value by
this 1Ω resistor and add this voltage to the measured volt-
age at the SVIN_nn pin. Therefore, READ_VIN = VSVIN_
PIN + (MFR_READ_ICHIP • 1Ω). The MFR_READ_ICHIP
command is used to measure the internal controller cur-
rent. Using the READ_PIN command allows for reading
calculated input power.
PROGRAMMABLE LOOP COMPENSATION
The LTM4683 offers programmable loop compensation to
optimize the transient response without hardware change.
The error amplifier gain gm varies from 1.0mS to 5.76mS,
and the compensation resistor RCOMPn varies from 0kΩ to
62kΩ inside the controller. Two compensation capacitors,
COMPna and COMPnb, are required in the design, and the
typical ratio between COMPna and COMPnb is 10. Also,
see Figure 2 Simplified Block Diagram and Figure 27.
By adjusting the gm and RCOMPn only, the LTM4683 can
provide a flexible Type II compensation network to opti-
mize the loop over a wide range of output capacitors.
Adjusting the gm will change the gain of the compensation
over the whole frequency range without moving the pole
and zero location, as shown in Figure 28.
Adjusting the RCOMP will change the pole and zero loca-
tion, as shown in Figure 29. It is recommended that the
user determines the appropriate value for the gm and
RCOMPn using the LTpowerCAD tool.
CHECKING TRANSIENT RESPONSE
The regulator loop response can be checked by looking at
the load current transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VOUT shifts by an
amount equal to ∆ILOAD • ESR, where ESR is the effective



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com