Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 18Page - Analog Devices LTM4673 Datasheet HTML 19Page - Analog Devices LTM4673 Datasheet HTML 20Page - Analog Devices LTM4673 Datasheet HTML 21Page - Analog Devices LTM4673 Datasheet HTML 22Page - Analog Devices LTM4673 Datasheet HTML 23Page - Analog Devices LTM4673 Datasheet HTML 24Page - Analog Devices LTM4673 Datasheet HTML 25Page - Analog Devices LTM4673 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 132 page
background image
LTM4683
22
Rev. 0
For more information www.analog.com
VOSNS3+ (R11): Channel 3 Positive Differential Voltage
Sense Input. Together, VOSNS3+ and VOSNS3– serve to
Kelvin-sense the VOUT3 output voltage at VOUT3’s point-
of-load (POL) and provide the differential feedback signal
directly to Channel 3’s feedback loop. Command VOUT3’s
target regulation voltage by serial bus. Its initial command
value at SVIN_23 power-up is dictated by NVM contents
(factory default: 0.5V)—or, optionally, may be set by con-
figuration resistors; see VOUT3_CFG, VTRIM3_CFG and
the Applications Information section.
VOSNS3– (T11): Channel 3 Negative Differential Voltage
Sense Input. See VOSNS3+.
SW3 (V1-V2, W1-W2, Y1-Y2): Switching Node of
Channel 3 Step-Down Converter Stage. Used for test pur-
poses or EMI-snubbing. It may be routed a short distance
to a local test point to monitor the switching action of
Channel 3, if desired, but do not route near any sensitive
signals. Otherwise, leave it open.
VOUT3 (V13-V15, W13-W15, Y13-Y15, AA13-AA15,
AB13-AB15): Channel 3 Output Voltage. Place recom-
mended output capacitors from this output copper shape
to GND. See the Layout Checklist/Example section.
RUN2, RUN3 (Y9, Y8): Enable Run Input for Channels 2
and 3, respectively. Open-drain input and output. The logic
high on these pins enables the respective outputs of the
LTM4683. These open-drain output pins hold the pin low
until the LTM4683 is out of reset and SVIN_23 is detected
to exceed VIN_ON. A pull-up resistor to 3.3V is required in
the application. The LTM4683 pulls RUN2 and/or RUN3
low, as appropriate, when a global fault and/or channel-
specific fault occurs whose fault response is configured to
latch off and cease regulation, issuing a CLEAR_FAULTS
command via I2C or power-cycling SVIN_23 is necessary
to restart the module, in such cases. Do not pull RUN
logic high with a low impedance source. INTVCC is active
when SVIN_23 is above UVLO. This provides power to
the VDD33 and VDD25 to allow the programming of the
EEPROM.
VDD33_23 (Y10): Internally Generated 3.3V Power Supply
Output Pin for Channel 2 and Channel 3 Circuits. This pin
should only be used to provide external current for the
pull-up resistors required for FAULTn, SHARE_CLK_nn,
and SYNC_nn, and may be used to provide external cur-
rent for pull-up resistors on RUNn, SDA_nn, SCL_nn,
ALERT_nn and PGOODn. Where nn is either 0,1 or 2,3
channels, and n is the actual channel. No external decou-
pling is required. VDD33_23 can be powered from VBIAS,
so this controller 2 can be programmed with RUNn low.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com