Electronic Components Datasheet Search
  English  ▼

X  

LTM4673 Datasheet(PDF) 67 Page - Analog Devices

Part # LTM4673
Description  Low VOUT Quad 31.25A or Single 125A μModule Regulator with Digital Power System Management
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4673 Datasheet(HTML) 67 Page - Analog Devices

Back Button LTM4673 Datasheet HTML 63Page - Analog Devices LTM4673 Datasheet HTML 64Page - Analog Devices LTM4673 Datasheet HTML 65Page - Analog Devices LTM4673 Datasheet HTML 66Page - Analog Devices LTM4673 Datasheet HTML 67Page - Analog Devices LTM4673 Datasheet HTML 68Page - Analog Devices LTM4673 Datasheet HTML 69Page - Analog Devices LTM4673 Datasheet HTML 70Page - Analog Devices LTM4673 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 132 page
background image
LTM4683
67
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
relative to PMBus timing. If the part is busy process-
ing a command, and new command(s) arrive, execution
may be delayed or processed in a different order than
received. The part indicates when internal calculations
are in process through bit 5 of MFR_COMMON (“calcu-
lations not pending”). When the part is busy calculating,
bit 5 is cleared. When this bit is set, the part is ready for
another command. An example polling loop is provided in
Figure 33, which ensures that commands are processed
in order while simplifying error-handling routines.
// wait until chip is not busy
do
{
mfrCommonValue = PMBUS_READ_BYTE(0xEF);
partReady = (mfrCommonValue & 0x68) == 0x68;
}while(!partReady)
// now the part is ready to receive the next
command
PMBUS_WRITE_WORD(0x21, 0x2000); //write VOUT_
COMMAND to 2V
Figure 33. Example of a Command Write of VOUT_COMMAND
When the part receives a new command while busy, it will
communicate this condition using standard PMBus pro-
tocol. Depending on the part configuration, it may either
NACK the command or return all ones (0xFF) for reads.
It may also generate a BUSY fault and ALERT notifica-
tion, or stretch the SCL clock low. For more information,
refer to PMBus Specification v1.1, Part II, Section 10.8.7
and SMBus v2.0, section 4.3.3. Clock stretching can be
enabled by asserting bit 1 of MFR_CONFIG_ALL. Clock
stretching will only occur if enabled, and the bus com-
munication speed exceeds 100kHz.
PMBus busy protocols are well-accepted standards, but
can make writing system-level software somewhat com-
plex. The part provides three “hand shaking” status bits,
which reduce complexity while enabling robust system-
level communication.
The three hand shaking status bits are in the MFR_
COMMON register. When the part is busy executing an
internal operation, it will clear bit 6 of MFR_COMMON
(“chip not busy”). When the part is busy specifically
because it is in a transitional VOUT state (margining hi/lo,
power off/on, moving to a new output voltage set point,
etc.), it will clear bit 4 of MFR_COMMON (“output not in
transition”). When internal calculations are in process,
the part will clear bit 5 of MFR_COMMON (“calculations
not pending”). These three status bits can be polled with
a PMBus read byte of the MFR_COMMON register until
all three bits are set. A command immediately following
the status bits being set will be accepted without NACKing
or generating a BUSY fault/ALERT notification. The part
can NACK commands for other reasons, however, as
required by the PMBus spec (for instance, an invalid com-
mand or data). An example of a robust command write
algorithm for the VOUT_COMMAND register is provided
in Figure 33.
It is recommended that all command writes (write byte,
write word, etc.) be preceded with a polling loop to avoid
the extra complexity of dealing with busy behavior and
unwanted ALERT notification. A simple way to achieve this
is to create a SAFE_WRITE_BYTE() and SAFE_WRITE_
WORD() subroutine. The above polling mechanism allows
your software to remain clean and simple while robustly
communicating with the part. For a detailed discussion of
these topics and other special cases, refer to the Analog
Devices Application Note section.
When communicating using bus speeds at or below
100kHz, the polling mechanism shown here provides a
simple solution that ensures robust communication with-
out clock stretching. At bus speeds in excess of 100kHz,
it is strongly recommended that the part be configured
to enable clock stretching. This requires a PMBus main
device that supports clock stretching. System software
that detects and properly recovers from the standard
PMBus NACK/BUSY faults as described in the PMBus
Specification v1.1, Par II, Section 10.8.7 is required to
communicate. The LTM4683 is not recommended in
applications with bus speeds in excess of 400kHz.
THERMAL CONSIDERATIONS AND OUTPUT
CURRENT DERATING
The thermal resistances reported in the Pin Configuration
section of this data sheet are consistent with those
parameters defined by JESD51-12 and are intended for
use with finite element analysis (FEA) software model-
ing tools that leverage the outcome of thermal model-
ing, simulation, and correlation to hardware evaluation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com